전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

C8051F352 데이터시트(Datasheet) 1 Page - Silicon Laboratories

부품명 C8051F352
상세내용  8 k ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo 

 
 1 page
background image
8 k ISP Flash MCU Family
C8051F350/1/2/3
Rev. 1.1 5/07
Copyright © 2007 by Silicon Laboratories
C8051F35x
Analog Peripherals
-
24 or 16-Bit ADC
•No missing codes
• 0.0015% nonlinearity
• Programmable conversion rates up to 1 ksps
• 8-Input multiplexer
• 1x to 128x PGA
• Built-in temperature sensor
-
Two 8-Bit Current Output DACs
-
Comparator
• Programmable hysteresis and response time
• Configurable as interrupt or reset source
• Low current (0.4 µA)
On-chip Debug
-
On-chip debug circuitry facilitates full speed, non-
intrusive in-system debug (No emulator required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-Chips, target pods, and sockets
-
Low Cost, Complete Development Kit
Supply Voltage 2.7 to 3.6 V
-
Typical operating current:
5.8 mA @ 25 MHz;
11 µA @ 32 kHz
-
Typical stop mode current:
0.1 µA
Temperature Range: –40 to +85 °C
High Speed 8051 µC Core
-
Pipelined Instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 50 MIPS throughput
-
Expanded interrupt handler
Memory
-
768 Bytes (256 + 512) On-Chip RAM
-
8 kB Flash; In-system programmable in 512-byte
Sectors
Digital Peripherals
-
17 Port I/O; All 5 V tolerant with high sink current
-
Enhanced UART, SMBus™, and SPI™ Serial Ports
-
Four general purpose 16-bit counter/timers
-
16-bit programmable counter array (PCA) with three
capture/compare modules
-
Real time clock mode using PCA or timer and exter-
nal clock source
Clock Sources
-
Internal Oscillator: 24.5 MHz with ± 2% accuracy
supports UART operation
-
External Oscillator: Crystal, RC, C, or clock
(1 or 2 pin modes)
-
Clock multiplier to achieve 50 MHz internal clock
-
Can switch between clock sources on-the-fly
28-Pin QFN or 32-Pin LQFP Package
-
5 x 5 mm PCB footprint with 28-QFN
ANALOG
PERIPHERALS
24/16-bit
ADC
8 kB
ISP FLASH
768 B SRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(50 MIPS)
TEMP
SENSOR
DIGITAL I/O
24.5 MHz PRECISION INTERNAL OSCILLATOR
WITH CLOCK MULTIPLIER
HIGH-SPEED CONTROLLER CORE
A
M
U
X
VOLTAGE
COMPARATOR
+
-
WDT
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Port 0
SPI
8-bit
IDAC
Port 1
P2.0
8-bit
IDAC




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트



관련 부품명

부품명상세내용Html View제조사
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
C8051F52X8/4/2 kB ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories
C8051F000_03Mixed-Signal 32KB ISP FLASH MCU Family 1 2 3 4 5 MoreSilicon Laboratories
C8051F360Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories
C8051F060_07Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories
C8051F336Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories
C8051F330_07Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories
C8051F52X-53X8/4/2 kB ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories
ST92F124_068/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM E3 TM EMULATED EEPROM CAN 2.0B AND J1850 BLPD 1 2 3 4 5 MoreSTMicroelectronics
C8051F340_0608Full Speed USB Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl