전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C8051F352 데이터시트(PDF) 26 Page - Silicon Laboratories

부품명 C8051F352
상세설명  8 k ISP Flash MCU Family
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F352 데이터시트(HTML) 26 Page - Silicon Laboratories

Back Button C8051F352 Datasheet HTML 22Page - Silicon Laboratories C8051F352 Datasheet HTML 23Page - Silicon Laboratories C8051F352 Datasheet HTML 24Page - Silicon Laboratories C8051F352 Datasheet HTML 25Page - Silicon Laboratories C8051F352 Datasheet HTML 26Page - Silicon Laboratories C8051F352 Datasheet HTML 27Page - Silicon Laboratories C8051F352 Datasheet HTML 28Page - Silicon Laboratories C8051F352 Datasheet HTML 29Page - Silicon Laboratories C8051F352 Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 234 page
background image
C8051F350/1/2/3
26
Rev. 1.1
1.6.
Programmable Comparator
C8051F350/1/2/3 devices include a software-configurable voltage comparator with an input multiplexer.
The Comparator offers programmable response time and hysteresis and two outputs that are optionally
available at the Port pins: a synchronous “latched” output (CP0), or an asynchronous “raw” output (CP0A).
Comparator interrupts may be generated on rising, falling, or both edges. When in IDLE mode, these inter-
rupts may be used as a “wake-up” source for the processor. Comparator0 may also be configured as a
reset source. A block diagram of the Comparator is shown in Figure 1.9.
Figure 1.9. Comparator0 Block Diagram
1.7.
Serial Ports
The C8051F350/1/2/3 Family includes an SMBus/I2C interface, a full-duplex UART with enhanced baud
rate configuration, and an Enhanced SPI interface. Each of the serial buses is fully implemented in hard-
ware and makes extensive use of the CIP-51's interrupts, thus requiring very little CPU intervention.
VDD
Reset
Decision
Tree
+
-
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
(SYNCHRONIZER)
GND
CP0
(synchronous output)
CP0A
(asynchronous output)
Interrupt
Logic
Port I/O
Pins


유사한 부품 번호 - C8051F352

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
C8051F352 SILABS-C8051F352 Datasheet
3Mb / 221P
   8 k ISP Flash MCU Family
Rev. 1.2
More results

유사한 설명 - C8051F352

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
C8051F350 SILABS-C8051F350_V01 Datasheet
3Mb / 221P
   8 k ISP Flash MCU Family
Rev. 1.2
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
   8K ISP FLASH MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
   8K ISP FLASH MCU Family
C8051F060 SILABS-C8051F060_V01 Datasheet
5Mb / 330P
   8K ISP FLASH MCU Family
Rev. 1.3
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com