전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G07GW 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74AUP1G07GW
상세설명  Low-power buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G07GW 데이터시트(HTML) 1 Page - NXP Semiconductors

  74AUP1G07GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AUP1G07 is a high-performance, low-power, low-voltage, Si-gate CMOS device,
superior to most advanced CMOS compatible TTL families.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74AUP1G07 provides the single non-inverting buffer with open-drain output. The
output of the device is an open drain and can be connected to other open-drain outputs to
implement active-LOW wired-OR or active-HIGH wired-AND functions.
2.
Features
s Wide supply voltage range from 0.8 V to 3.6 V
s High noise immunity
s Complies with JEDEC standards:
x JESD8-12 (0.8 V to 1.3 V)
x JESD8-11 (0.9 V to 1.65 V)
x JESD8-7 (1.2 V to 1.95 V)
x JESD8-5 (1.8 V to 2.7 V)
x JESD8-B (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114E Class 3A exceeds 5000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101C exceeds 1000 V
s Low static power consumption; ICC = 0.9 µA (maximum)
s Latch-up performance exceeds 100 mA per JESD 78 Class II
s Inputs accept voltages up to 3.6 V
s Low noise overshoot and undershoot < 10 % of VCC
s IOFF circuitry provides partial Power-down mode operation
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74AUP1G07
Low-power buffer with open-drain output
Rev. 02 — 14 June 2007
Product data sheet


유사한 부품 번호 - 74AUP1G07GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G07GW NXP-74AUP1G07GW Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP1G07GW NXP-74AUP1G07GW Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07GW PHILIPS-74AUP1G07GW Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Nexperia B.V. All right...
74AUP1G07GW NEXPERIA-74AUP1G07GW Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
74AUP1G07GW-Q100 NEXPERIA-74AUP1G07GW-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
More results

유사한 설명 - 74AUP1G07GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
logo
Nexperia B.V. All right...
74AUP1G07-Q100 NEXPERIA-74AUP1G07-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
   Low-power buffer with open-drain output
Rev. 7-16 July 2012
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com