전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVQ373T 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 74LVQ373T
상세설명  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ373T 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button 74LVQ373T Datasheet HTML 2Page - STMicroelectronics 74LVQ373T Datasheet HTML 3Page - STMicroelectronics 74LVQ373T Datasheet HTML 4Page - STMicroelectronics 74LVQ373T Datasheet HTML 5Page - STMicroelectronics 74LVQ373T Datasheet HTML 6Page - STMicroelectronics 74LVQ373T Datasheet HTML 7Page - STMicroelectronics 74LVQ373T Datasheet HTML 8Page - STMicroelectronics 74LVQ373T Datasheet HTML 9Page - STMicroelectronics 74LVQ373T Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TEST CIRCUIT
T EST
SW IT CH
tPLH,tPHL
Open
tPZL,tPLZ
2VCC
tPZH,tPHZ
Open
CL = 50 pF or equivalent (includes jigand probe capacitance)
RL =R1 =500
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM 1: LE TO Qn PROPAGATION DELAYS, LE MINIMUM PULSE WIDTH,
Dn TO LE SETUP AND HOLD TIMES (f=1MHz; 50% duty cycle)
74LVQ373
6/10


유사한 부품 번호 - 74LVQ373T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVQ373TTR STMICROELECTRONICS-74LVQ373TTR Datasheet
289Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
More results

유사한 설명 - 74LVQ373T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com