전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCBL283 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 LCBL283
상세설명  SmartLED짰 0603 Color on demand: blue Lead (Pb) Free Product - RoHS Compliant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBL283 데이터시트(HTML) 3 Page - OSRAM GmbH

  LCBL283 Datasheet HTML 1Page - OSRAM GmbH LCBL283 Datasheet HTML 2Page - OSRAM GmbH LCBL283 Datasheet HTML 3Page - OSRAM GmbH LCBL283 Datasheet HTML 4Page - OSRAM GmbH LCBL283 Datasheet HTML 5Page - OSRAM GmbH LCBL283 Datasheet HTML 6Page - OSRAM GmbH LCBL283 Datasheet HTML 7Page - OSRAM GmbH LCBL283 Datasheet HTML 8Page - OSRAM GmbH LCBL283 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LCB L283
2007-03-01
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 110
°C
Durchlassstrom
Forward current
(
T
A=25°C)
I
F
20
mA
Stoßtrom
Surge current
t = 10
μs, D = 0.1, T
A=25°C
I
FM
200
mA
Sperrspannung
3) Seite 16
Reverse voltage
3) page 16
(
T
A=25°C)
V
R
5V
Leistungsaufnahme
Power consumption
(
T
A=25°C)
P
tot
80
mW
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
4) Seite 16
Junction/ambient
4) page 16
Sperrschicht/Lötpad
Junction/solder point
R
th JA
R
th JS
450
260
K/W
K/W


유사한 부품 번호 - LCBL283

제조업체부품명데이터시트상세설명
logo
Stackpole Electronics, ...
LCB SEI-LCB Datasheet
277Kb / 3P
   Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
logo
OSRAM GmbH
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
   SMD ceramic package with silicone lens
LCB-T67S OSRAM-LCB-T67S Datasheet
647Kb / 24P
   white PLCC-2 package, colored diffused resin
LCB-TVSG OSRAM-LCB-TVSG Datasheet
694Kb / 24P
   white PLCC-2 package, colored diffused silicone resin
logo
Omron Electronics LLC
LCB01 OMRON-LCB01 Datasheet
578Kb / 10P
    Integrated Loop Control and Sequence
More results

유사한 설명 - LCBL283

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWL28G OSRAM-LCWL28G Datasheet
244Kb / 16P
   SmartLED짰 0603 Color on demand: white Lead (Pb) Free Product - RoHS Compliant
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
   SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWL283 OSRAM-LWL283 Datasheet
628Kb / 15P
   SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL29K OSRAM-LSL29K Datasheet
228Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LBL29G OSRAM-LBL29G Datasheet
234Kb / 15P
   SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com