전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

XC6371A 데이터시트(Datasheet) 18 Page - Torex Semiconductor

부품명 XC6371A
상세내용  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo 

 
 18 page
background image
18/19
XC6371/XC6372/XC6373 Series
MARK
FUNCTION
PRODUCT SERIES
A
-
Built-in Transistor
XC6372AxxxPx
A
CE
Built-in Transistor
XC6372CxxxPx
S
Separated VDD and VOUT
Built-in Transistor
XC6372ExxxPx
OSCILLATION FREQUENCY (PRODUCT SERIES)
OUTPUT VOLTAGE (V)
30kHz (XC6373xxx0Px)
1.x
B
2.x
C
3.x
F
4.x
E
5.x
F
6.x
H
7.x
K
OSCILLATION FREQUENCY (PRODUCT SERIES)
OUTPUT VOLTAGE (V)
30kHz (XC6373xxx0Px)
x.0
0
x.1
1
x.2
2
x.3
3
x.4
4
x.5
5
x.6
6
x.7
7
x.8
8
x.9
9
Represents product series
Represents integer of output voltage and oscillation frequency
Represents decimal number of output voltage and oscillation frequency
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted).
MARKING RULE (Continued)
SOT-89,SOT-89-5
12
3
SOT-89
(TOP VIEW)
SOT-89-5
(TOP VIEW)
XC6373〕




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트



관련 부품명

부품명상세내용Html View제조사
XC6371_1PWM Controlled Step-Up DC/DC Controllers/Converters 1 2 3 4 5 MoreTorex Semiconductor
XC6367_1PWM Controlled PWM/PFM Switchable Step-Up DC/DC Controllers 1 2 3 4 5 MoreTorex Semiconductor
XC6367PWM Controlled PWM/PFM Switchable Step-Up DC/DC Controllers 1 2 3 4 5 MoreTorex Semiconductor
SC1417BMicroPower 620kHz PWM Step-up DC/DC Converter 1 2 3 4 5 MoreSemtech Corporation
L3383PFM CONTROLLED STEP-UP DC/DC CONVERTERS VARIABLE DUTY RATIO 1 2 3 4 5 MoreUnisonic Technologies
UC3500HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
GM3326PWM PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS 1 2 3 4 5 MoreGamma Microelectronics Inc.
KB3301Step-up DC/DC converter 1 2 3 4 5 Kingbor Technology Co
RT80581MHz 2A High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
RT99014 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down 1 2 3 4 5 MoreRichtek Technology Corporation

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl