전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT541BPW 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ABT541BPW
상세설명  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT541BPW 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ABT541BPW Datasheet HTML 1Page - Texas Instruments SN74ABT541BPW Datasheet HTML 2Page - Texas Instruments SN74ABT541BPW Datasheet HTML 3Page - Texas Instruments SN74ABT541BPW Datasheet HTML 4Page - Texas Instruments SN74ABT541BPW Datasheet HTML 5Page - Texas Instruments SN74ABT541BPW Datasheet HTML 6Page - Texas Instruments SN74ABT541BPW Datasheet HTML 7Page - Texas Instruments SN74ABT541BPW Datasheet HTML 8Page - Texas Instruments SN74ABT541BPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
SN54ABT541...JORWPACKAGE
SN74ABT541B...DB,DW,N,ORPWPACKAGE
(TOP VIEW)
OE1
V
CC
1
20
A1
OE2
2
19
A2
Y1
3
18
A3
Y2
4
17
A4
Y3
5
16
A5
Y4
6
15
A6
Y5
7
14
A7
Y6
8
13
A8
Y7
9
12
GND
Y8
10
11
SN54ABT541...FKPACKAGE
(TOP VIEW)
A3
4
A4
5
A5
6
A6
7
Y1
18
Y2
17
Y3
16
Y4
15
Y5
14
A7
8
1
20
2
19
3
13
9
12
10 11
DESCRIPTION/ORDERING INFORMATION
SN54ABT541, SN74ABT541B
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS093L – DECEMBER 1993 – REVISED DECEMBER 2006
• State-of-the-Art EPIC-IIB™ BiCMOS Design
Significantly Reduces Power Dissipation
• Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
• Typical V
OLP (Output Ground Bounce) < 1 V at
V
CC = 5 V, TA = 25°C
• High-Impedance State During Power Up and
Power Down
• High-Drive Outputs (–32-mA I
OH, 64-mA IOL)
• Package Options Include Plastic Small-Outline
(DW), Shrink Small-Outline (DB), and Thin
Shrink Small-Outline (PW) Packages, Ceramic
Chip Carriers (FK), Ceramic Flat (W) Package,
and Plastic (N) and Ceramic (J) DIPs
The SN54ABT541 and SN74ABT541B octal buffers and line drivers are ideal for driving bus lines or buffering
memory address registers. The devices feature inputs and outputs on opposite sides of the package to facilitate
printed circuit board layout.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Reel of 1000
SN74ABT541BN
SN74ABT541BN
Tube of 25
SN74ABT541BDW
SOIC – DW
ABT541B
Reel of 2000
SN74ABT541BDWR
–40
°C to 85°C
SN74ABT541BDBR
SSOP – DB
Reel of 2000
AB541B
SN74ABT541BDBRG4
Reel of 1050
SN74ABT541BPW
TSSOP – PW
AB541B
Reel of 2000
SN74ABT541BPWR
CDIP – J
Reel of 1000
SNJ54ABT541J
SNJ54ABT541J
–55
°C to 125°C
CFP – W
Reel of 510
SNJ54ABT541W
SNJ54ABT541W
LCCC – FK
Reel of 2200
SNJ54ABT541FK
SNJ54ABT541FK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-IIB is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74ABT541BPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT541BPW TI-SN74ABT541BPW Datasheet
94Kb / 6P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT541BPW TI-SN74ABT541BPW Datasheet
588Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT541BPWE4 TI-SN74ABT541BPWE4 Datasheet
588Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT541BPWLE TI-SN74ABT541BPWLE Datasheet
588Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT541BPWR TI-SN74ABT541BPWR Datasheet
588Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABT541BPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com