전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27966SQ 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM27966SQ
상세설명  White LED Driver with I2C Compatible Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27966SQ 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM27966SQ Datasheet HTML 1Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 2Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 3Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 4Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 5Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 6Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 7Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 8Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM27966
White LED Driver with I2C Compatible Interface
General Description
The LM27966 is a highly integrated charge-pump-based
display LED driver. The device can drive up to 6 LEDs in
parallel with a total output current of 180mA. Regulated
internal current sources deliver excellent current and bright-
ness matching in all LEDs.
The LED driver current sources are split into two indepen-
dently controlled groups. The primary group, which can be
configured with 4 or 5 LEDs, can be used to backlight the
main phone display. An additional, independently controlled
led driver is provided for driving an indicator or other general
purpose LED function. The LM27966 has an I
2C compatible
interface that allows the user to independently control the
brightness on each bank of LEDs.
The device provides excellent efficiency without the use of
an inductor by operating the charge pump in a gain of 3/2, or
in Pass-Mode. The proper gain for maintaining current regu-
lation is chosen, based on LED forward voltage, so that
efficiency is maximized over the input voltage range.
The LM27966 is available in National’s small 24-pin Lead-
less Leadframe Package (LLP-24).
Features
n
91% Peak LED Drive Efficiency
n
No Inductor Required
n
0.3% Current Matching
n
Drives 6 LEDs with up to 30mA per LED
n
180mA of total driver current
n
I
2C Compatible Brightness Control Interface
n
Adaptive 1x- 3/2x Charge Pump
n
Resistor-Programmable Current Settings
n
External Chip RESET Pin (RESET)
n
Extended Li-Ion Input: 2.7V to 5.5V
n
Small low profile industry standard leadless package,
LLP 24 : (4mm x 4mm x 0.8mm)
Applications
n
Mobile Phone Display Lighting
n
PDAs Backlighting
n
General LED Lighting
Typical Application Circuit
20190101
August 2006
© 2006 National Semiconductor Corporation
DS201901
www.national.com


유사한 부품 번호 - LM27966SQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27966SQ/NOPB TI1-LM27966SQ/NOPB Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
LM27966SQX/NOPB TI1-LM27966SQX/NOPB Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
More results

유사한 설명 - LM27966SQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com