전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX90614KSF-ABC 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 MLX90614KSF-ABC
상세설명  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614KSF-ABC 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MLX90614KSF-ABC Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 9 of 40
Data Sheet
Rev 003
03/Oct/2007
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SMBus compatible 2-wire interface
2
Input high voltage
VIH
1.6
2
2.4
V
Input high voltage
VIH(Ta,V)
Over temperature and supply
1.2
2
2.8
V
Input low voltage
VIL
0.7
1.0
1.3
V
Input low voltage
VIL(Ta,V)
Over temperature and supply
0.5
1.0
1.5
V
Output low voltage
VOL
SDA pin in open drain mode,
over temperature and supply,
Isink = 2mA
0.25
V
SCL leakage
ISCL,leak
VSCL=3V, Ta=+85°C
20
uA
SDA leakage
ISDA,leak
VSDA=3V, Ta=+85°C
0.25
uA
SCL capacitance
CSCL
10
pF
SDA capacitance
CSDA
10
pF
Slave address
SA
Factory default
5Ah
hex
SMBus Request
tREQ
SCL low
1.024
ms
Timeout,low
Timeout,L
SCL low
30
ms
Timeout, high
Timeout,H
SCL high
50
us
Acknowledge setup
ti
Tsuac(MD
)
8-th SCL falling edge, Master
0.5
1.5
us
Acknowledge hold
ti
Thdac(MD
)
9-th SCL falling edge, Master
1.5
2.5
us
Acknowledge setup
ti
Tsuac(SD) 8-th SCL falling edge, Slave
2.5
us
Acknowledge hold
ti
Thdac(SD
)
9-th SCL falling edge, Slave
1.5
us
EEPROM
Data retention
Ta = +85°C
10
years
Erase/write cycles
Ta = +25°C
100,000
Times
Erase/write cycles
Ta = +125°C
10,000
Times
Erase cell time
Terase
5
ms
Write cell time
Twrite
5
ms
Note: refer to MLX90614Axx notes.


유사한 부품 번호 - MLX90614KSF-ABC

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90614KSF-ABC MELEXIS-MLX90614KSF-ABC Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614KSF-ABC-000-TU MELEXIS-MLX90614KSF-ABC-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

유사한 설명 - MLX90614KSF-ABC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com