전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX90614KSF-CBC 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 MLX90614KSF-CBC
상세설명  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614KSF-CBC 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  MLX90614KSF-CBC Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90614KSF-CBC Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90614KSF-CBC Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90614KSF-CBC Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90614KSF-CBC Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614KSF-CBC Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614KSF-CBC Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614KSF-CBC Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614KSF-CBC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
Features and Benefits
Small size, low cost
Easy to integrate
Factory calibrated in wide temperature range:
-40 to 125 ˚C for sensor temperature and
-70 to 380 ˚C for object temperature.
High accuracy of 0.5°C over wide temperature
range (0..+50°C for both Ta and To)
High (medical) accuracy calibration
Measurement resolution of 0.02°C
Single and dual zone versions
SMBus compatible digital interface
Customizable PWM output for continuous
reading
Available in 3V and 5V versions
Simple adaptation for 8 to 16V applications
Power saving mode
Different package options for applications and
measurements versatility
Automotive grade
Applications Examples
High precision non-contact temperature
measurements;
Thermal Comfort sensor for Mobile Air
Conditioning control system;
Temperature sensing element for residential,
commercial and industrial building air
conditioning;
Windshield defogging;
Automotive blind angle detection;
Industrial temperature control of moving parts;
Temperature control in printers and copiers;
Home appliances with temperature control;
Healthcare;
Livestock monitoring;
Movement detection;
Multiple zone temperature control – up to 100
sensors can be read via common 2 wires
Thermal relay/alert
Body temperature measurement
Ordering Information
Part No.
MLX90614
Temperature Code
E (-40
°C to 85°C)
K (-40
°C to 125°C)
Package Code
SF (TO-39)
- Option Code
- X X X
(1) (2) (3)
(1) Supply Voltage/
Acccuracy
A - 5V
B - 3V
C - Reserved
D - 3V medical accuracy
Example:
MLX90614ESF-BAA
(2) Number of thermopiles:
A – single zone
B – dual zone
(3) Package options:
A – Standard package
B – Reserved
C – 35° FOV
1 Functional diagram
J1
CON1
SCL
SDA
GND
Vdd
C1 value and type may differ
in different applications
for optimum EMC
U1
MLX90614
1
PW M
SDA
C1
M LX90614 connection to SM Bus
4
Vss
SCL
Vz
M LX90614Axx: Vdd=4.5...5.5V
3
2
Vdd
0.1uF
Figure 1 Typical application schematics
2 General Description
The MLX90614 is an Infra Red thermometer for non
contact temperature measurements. Both the IR sensitive
thermopile detector chip and the signal conditioning ASSP
are integrated in the same TO-39 can.
Thanks to its low noise amplifier, 17-bit ADC and powerful
DSP
unit,
a
high
accuracy
and
resolution
of
the
thermometer is achieved.
The thermometer comes factory calibrated with a digital
PWM and SMBus (System Management Bus) output.
As
a
standard,
the
10-bit
PWM
is
configured
to
continuously transmit the measured temperature in range
of -20 to 120 ˚C, with an output resolution of 0.14 ˚C and
the POR default is SMBus.
3901090614
Page 1 of 40
Data Sheet
Rev 003
03/Oct/2007


유사한 부품 번호 - MLX90614KSF-CBC

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90614KSF-CBC MELEXIS-MLX90614KSF-CBC Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614KSF-CBC-000-TU MELEXIS-MLX90614KSF-CBC-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

유사한 설명 - MLX90614KSF-CBC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com