전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7707PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7707PBF
상세설명  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7707PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7707PBF Datasheet HTML 1Page - International Rectifier IRF7707PBF Datasheet HTML 2Page - International Rectifier IRF7707PBF Datasheet HTML 3Page - International Rectifier IRF7707PBF Datasheet HTML 4Page - International Rectifier IRF7707PBF Datasheet HTML 5Page - International Rectifier IRF7707PBF Datasheet HTML 6Page - International Rectifier IRF7707PBF Datasheet HTML 7Page - International Rectifier IRF7707PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7707PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-4.5V
-7.0A
1
10
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
= -15V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
-1.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
-7.5V
-4.5V
-3.5V
-3.0V
-2.5V
-2.0V
-1.75V
BOTTOM -1.5V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
-1.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
-7.5V
-4.5V
-3.5V
-3.0V
-2.5V
-2.0V
-1.75V
BOTTOM -1.5V


유사한 부품 번호 - IRF7707PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7707GPBF IRF-IRF7707GPBF Datasheet
242Kb / 8P
   Ultra Low On-Resistance
IRF7707TRPBF IRF-IRF7707TRPBF Datasheet
242Kb / 8P
   Ultra Low On-Resistance
More results

유사한 설명 - IRF7707PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com