전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4360-8BCPRL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADF4360-8BCPRL7
상세설명  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4360-8BCPRL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADF4360-8BCPRL7 Datasheet HTML 4Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 5Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 6Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 7Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 8Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 9Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 10Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 11Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4360-8
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–150
–120
–130
–140
–70
–60
–90
–100
–110
–80
–40
–50
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 4. Open-Loop VCO Phase Noise, L1, L2 = 560 nH
–150
–125
–130
–120
–135
–140
–145
–85
–80
–95
–100
–105
–110
–115
–90
–70
–75
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 5. VCO Phase Noise, 65 MHz, 1 MHz PFD, 100 kHz Loop Bandwidth
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2kHz
–1kHz
65MHz
1kHz
2kHz
–107.4dBc/Hz
REFERENCE
LEVEL = –2.5dBm
VDD = 3.3V, VVCO = 3.3V
ICP = 2.5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 30Hz
VIDEO BANDWIDTH = 30Hz
SWEEP = 1.9SECONDS
AVERAGES = 20
Figure 6. Close-In Phase Noise at 65 MHz (1 MHz Channel Spacing)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–1.1MHz
–0.55MHz
65MHz
0.55MHz
1.1MHz
–84dBc
REFERENCE
LEVEL = –2.5dBm
VDD = 3.3V, VVCO =3.3V
ICP =2.5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 4.2SECONDS
AVERAGES = 20
Figure 7. Reference Spurs at 65 MHz
(1 MHz Channel Spacing, 100 kHz Loop Bandwidth)
–150
–120
–130
–140
–70
–60
–90
–100
–110
–80
–40
–50
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 8. Open-Loop VCO Phase Noise, L1, L2 = 110 nH
–150
–125
–130
–120
–135
–140
–145
–85
–80
–95
–100
–105
–110
–115
–90
–70
–75
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 9. VCO Phase Noise, 160 MHz, 1 MHz PFD, 100 kHz Loop Bandwidth


유사한 부품 번호 - ADF4360-8BCPRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4360-8BCPZ AD-ADF4360-8BCPZ Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-8BCPZRL AD-ADF4360-8BCPZRL Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-8BCPZRL7 AD-ADF4360-8BCPZRL7 Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
More results

유사한 설명 - ADF4360-8BCPRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com