전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4947G 데이터시트(PDF) 2 Page - DAESAN ELECTRONIC CORP.

부품명 1N4947G
상세설명  CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N4947G 데이터시트(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  1N4947G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N4947G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
125
0
25
150
100
75
50
175
AMBIENT TEMPERATURE ( ℃)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0
0.25
0.50
0.75
1.25
1.00
1.50
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.2
0.4
0.6
1.4
1.0
0.8
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ=25℃
Pulse Width=300mS
1% Duty Cycle
10
0.1
0.01
1
0.03
0.3
3
20
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
10
0.1 0.2
4
20
0.4
2
1
40
100
TJ=25℃
1
2
6
4
100
40
20
10
200
60
FIG.2-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
10
30
50
0
20
40
8.3m SINGLE HALF SINE WAVE
(JEDEC Method)
1
2
100
60
10
8
6
4
40
20
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
100
0
20
120
80
60
40
140
TJ=25℃
TJ=75℃
TJ=125℃
0.01
1.0
10
0.02
0.1
0.06
0.04
0.6
0.4
0.2
6.0
4.0
2.0
20
FIG.6-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
OSCILLOSCOPE
(NOTE1)
1W
NON IN-
DUCTIVE
50W
NON INDUCTIVE
10W
NON INDUCTIVE
D.U.T.
25Vdc
(APPROX)
( + )
Trr
1cm
SET TIME BASE FOR 50/100 ns/cm
NOTES : 1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance
=50 ohms
-1.0A
+0.5A
0
-0.25A
PULSE
GENERATOR
(NOTE2)
( )
RATINGS AND CHARACTERISTIC CURVES 1N4942G THRU 1N4948G


유사한 부품 번호 - 1N4947G

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
1N4947G RECTRON-1N4947G Datasheet
26Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
1N4947G LRC-1N4947G Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
logo
Bytes
1N4947G BYTES-1N4947G Datasheet
153Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4947G LRC-1N4947G Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
logo
Formosa MS
1N4947G FORMOSA-1N4947G Datasheet
33Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

유사한 설명 - 1N4947G

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
CD2S CHENDA-CD2S Datasheet
949Kb / 3P
   200 to 1000 Volts Current - 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4942PT CHENMKO-1N4942PT Datasheet
88Kb / 2P
   VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
BA157G DAESAN-BA157G Datasheet
322Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
1H1G DAESAN-1H1G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
DF005 DAESAN-DF005 Datasheet
176Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com