전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T315V 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M41T315V
상세설명  Serial access phantom RTC supervisor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315V 데이터시트(HTML) 5 Page - STMicroelectronics

  M41T315V Datasheet HTML 1Page - STMicroelectronics M41T315V Datasheet HTML 2Page - STMicroelectronics M41T315V Datasheet HTML 3Page - STMicroelectronics M41T315V Datasheet HTML 4Page - STMicroelectronics M41T315V Datasheet HTML 5Page - STMicroelectronics M41T315V Datasheet HTML 6Page - STMicroelectronics M41T315V Datasheet HTML 7Page - STMicroelectronics M41T315V Datasheet HTML 8Page - STMicroelectronics M41T315V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
M41T315Y, M41T315V, M41T315W
Description
5/30
1
Description
The M41T315Y/V/W RTC Supervisor is a combination of a CMOS TIMEKEEPER® and a
nonvolatile memory supervisor. Power is constantly monitored by the memory supervisor. In
the event of power instability or absence, an external battery maintains the timekeeping
operation and provides power for a CMOS static RAM by switching on and invoking write
protection to prevent data corruption in the memory and RTC.
The clock keeps track of tenths/hundredths of seconds, seconds, minutes, hours, day, date,
month, and year information. The last day of the month is automatically adjusted for months
with less than 31 days, including leap year correction.
The clock operates in one of two formats:
a 12-hour mode with an AM/PM indicator;
or
a 24-hour mode
The nonvolatile supervisor supplies all the necessary support circuitry to convert a CMOS
RAM to a nonvolatile memory. The M41T315Y/V/W can be interfaced with RAM without
leaving gaps in memory.
The M41T315Y/V/W is supplied in a 28-lead SOIC SNAPHAT® package (which integrates
both crystal and battery in a single SNAPHAT top) or a-16 pin SOIC. The 28-pin, 330mil
SOIC provides sockets with gold plated contacts at both ends for direct connection to a
separate SNAPHAT housing containing the battery and crystal. The unique design allows
the SNAPHAT battery/crystal package to be mounted on top of the SOIC package after the
completion of the surface mount process.
Insertion of the SNAPHAT housing after reflow prevents potential battery and crystal
damage due to the high temperatures required for device surface-mounting. The SNAPHAT
housing is also keyed to prevent reverse insertion.
The 28-pin SOIC and battery/crystal packages are shipped separately in plastic anti-static
tubes or in Tape & Reel form. For the 28-lead SOIC, the battery/crystal package (e.g.,
SNAPHAT) part number is “M4TXX-BR12SH” (see Table 17 on page 28).
Caution:
Do not place the SNAPHAT battery/crystal top in conductive foam, as this will drain the
lithium button-cell battery.


유사한 부품 번호 - M41T315V

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M41T315V-65MH6E STMICROELECTRONICS-M41T315V-65MH6E Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315V-65MH6F STMICROELECTRONICS-M41T315V-65MH6F Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315V-65MH6TR STMICROELECTRONICS-M41T315V-65MH6TR Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315V-65MQ6E STMICROELECTRONICS-M41T315V-65MQ6E Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315V-65MQ6F STMICROELECTRONICS-M41T315V-65MQ6F Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
More results

유사한 설명 - M41T315V

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com