전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST89V58RD2-40-C-NIE1 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST89V58RD2-40-C-NIE1
상세설명  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-40-C-NIE1 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST89V58RD2-40-C-NIE1 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89V58RD2-40-C-NIE1 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89V58RD2-40-C-NIE1 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89V58RD2-40-C-NIE1 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89V58RD2-40-C-NIE1 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89V58RD2-40-C-NIE1 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89V58RD2-40-C-NIE1 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89V58RD2-40-C-NIE1 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89V58RD2-40-C-NIE1 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
10
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
P3[4]
I
T0: External count input to Timer/Counter 0
P3[5]
I
T1: External count input to Timer/Counter 1
P3[6]
O
WR#: External Data Memory Write strobe
P3[7]
O
RD#: External Data Memory Read strobe
PSEN#
I/O
Program Store Enable: PSEN# is the Read strobe to External Program Store. When the
device is executing from Internal Program Memory, PSEN# is inactive (VOH). When the
device is executing code from External Program Memory, PSEN# is activated twice each
machine cycle, except when access to External Data Memory while one PSEN# activation
is skipped in each machine cycle. A forced high-to-low input transition on the PSEN# pin
while the RST input is continually held high for more than 20 machine cycles will cause the
device to enter External Host mode for programming.
RST
I
Reset: While the oscillator is running, a high logic state on this pin for two machine cycles
will reset the device. After a reset, if the PSEN# pin is driven by a high-to-low input transition
while the RST input pin is held high, the device will enter the External Host mode, otherwise
the device will enter the Normal operation mode.
EA#
I
External Access Enable: EA# must be driven to VIL in order to enable the device to fetch
code from the External Program Memory. EA# must be driven to VIH for internal program
execution. However, Security lock level 4 will disable EA#, and program execution is only
possible from internal program memory. The EA# pin can tolerate a high voltage2 of 12V.
ALE/PROG#
I/O
Address Latch Enable: ALE is the output signal for latching the low byte of the address
during an access to external memory. This pin is also the programming pulse input
(PROG#) for flash programming. Normally the ALE3 is emitted at a constant rate of 1/6 the
crystal frequency4 and can be used for external timing and clocking. One ALE pulse is
skipped during each access to external data memory. However, if AO is set to 1, ALE is dis-
abled.
P4[3:0]5
I/O with internal
pull-ups
Port 4: Port 4 is an 4-bit bi-directional I/O port with internal pull-ups. The port 4 output buff-
ers can drive LS TTL inputs. Port 4 pins are pulled high by the internal pull-ups when ‘1’s are
written to them and can be used as inputs in this state. As inputs, port 4 pins that are exter-
nally pulled low will source current because of the internal pull-ups.
P4[0]
I/O
Bit 0 of port 4
P4[1]
I/O
Bit 1 of port 4
P4[2] / INT3#
I/O
Bit 2 of port 4 / INT3# External interrupt 3 input
P4[3] / INT2#
I/O
Bit 3 of port 4 / INT2# External interrupt 2 input
XTAL1
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
O
Crystal 2: Output from the inverting oscillator amplifier
VDD
I
Power Supply
VSS
I
Ground
T2-1.0 1255
1. I = Input; O = Output
2. It is not necessary to receive a 12V programming supply voltage during flash programming.
3.ALE loading issue: When ALE pin experiences higher loading (>30pf) during the reset, the MCU may accidentally enter into modes
other than normal working mode. The solution is to add a pull-up resistor of 3-50 K
Ω to V
DD, e.g. for ALE pin.
4. For 6 clock mode, ALE is emitted at 1/3 of crystal frequency.
5. Port 4 is not present on the PDIP package.
TABLE
2-1: Pin Descriptions (Continued) (2 of 2)
Symbol
Type1
Name and Functions


유사한 부품 번호 - SST89V58RD2-40-C-NIE1

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89V58RD2-40-C-NI SST-SST89V58RD2-40-C-NI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V58RD2-40-C-NI SST-SST89V58RD2-40-C-NI Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

유사한 설명 - SST89V58RD2-40-C-NIE1

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com