전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB2100 데이터시트(PDF) 1 Page - DAESAN ELECTRONIC CORP.

부품명 SB2100
상세설명  CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SB2100 데이터시트(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SB2100 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SB2100 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB220 THRU SB2100
CURRENT 2.0Amperes
VOLTAGE 20 to 100 Volts
Maximum Ratings and Electrical Characteristics
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance from junction to lead, and/or to ambient P.C.B. mounted with 0.375"(9.5mm) lead length
with 1.5X1.5"(38X38mm) copper pads
(3) Measured 1.0MHz and reverse voltage of 4.0 volts
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals,
0.375" (9.5mm) lead length, 5lbs. (2.3Kg) tension
· Case : JEDEC DO-15 molded plastic body
· Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.014 ounce, 0.39 gram
Symbols
SB220
SB240
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
0.55
0.70
Maximum DC blocking voltage
VDC
Volts
Maximum average forward rectified
current 0.375"(9.5mm) lead length at TL=75℃
I(AV)
2.0
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
50.0
Amps
Amps
Maximum instantaneous forward voltage
at 1.0A (Note 1)
VF
1.0
Volts
TA=25℃
10
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=100℃
170
mA
Typical thermal resistance (Note 2)
35.0
℃/W
Operating junction temperature range
-65 to +125
IR
IFSM
JA
TJ
Volts
SB230
CJ
14
21
28
20
30
40
P
F
Typical junction capacitance (Note 3)
Storage temperature range
TSTG
-65 to +150
0.85
SB250
SB280
50
60
80
SB260
35
42
56
50
60
80
SB2100
100
70
100
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.300(7.6)
0.230(5.8)
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
DIA.


유사한 부품 번호 - SB2100

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SB2100 BILIN-SB2100 Datasheet
281Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB2100 PANJIT-SB2100 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
First Silicon Co., Ltd
SB2100 FS-SB2100 Datasheet
125Kb / 2P
   Schottky Rectifier
logo
Compact Technology Corp...
SB2100 CTC-SB2100 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
logo
Formosa MS
SB2100 FORMOSA-SB2100 Datasheet
160Kb / 6P
   Axial Leaded Schottky Barrier Rectifier
More results

유사한 설명 - SB2100

제조업체부품명데이터시트상세설명
logo
DAESAN ELECTRONIC CORP.
SK22 DAESAN-SK22 Datasheet
261Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SS22 DAESAN-SS22 Datasheet
310Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
RL201G DAESAN-RL201G Datasheet
316Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 50 to 1000 Volts
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
   CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SR502 DAESAN-SR502 Datasheet
346Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SBP1620 DAESAN-SBP1620 Datasheet
375Kb / 2P
   CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
SBR1620 DAESAN-SBR1620 Datasheet
374Kb / 2P
   CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com