전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA28 데이터시트(PDF) 1 Page - DAESAN ELECTRONIC CORP.

부품명 SA28
상세설명  POWER 500Watts VOLTAGE 5.0 to 170 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SA28 데이터시트(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SA28 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SA28 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SA28 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SA28 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. SA28 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. SA28 Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SA5.0 THRU SA170CA
Features
Mechanical Data
· Plastic package has Underwriters Laboratory
flammability classification 94V-0
· Glass passivated junction
· 500W peak pulse power surge capability with a 10/100μS
waveform, repetition rate(duty cycle) : 0.01%
· Excellent clamping capability
· Low incremental surge resistance
· Very fast response time
· High temperature soldering guaranteed : 265℃/10 seconds,
0.375"(9.5mm) lead length, 5lbs. (2.3Kg) tension
Devices For Bidirectional Applications
Maximum Ratings And Electrical Characteristics
· For bi-directional use C or CA suffix. (e.g. SA5.0C, SA170CA)
Electrical characteristics apply in both directions.
· Case : JEDEC DO-15 molded plastic body
over passivated junction
· Terminals : Solder plated axial leads, solderable per
MIL-STD-750, method 2026
· Polarity : For uni-directional types the color band denotes
cathode, which is positive with respect to the
anode under normal TVS operation
· Mounting Position : Any
· Weight : 0.014 ounce, 0.40 gram
Peak power dissipation with a 10/1000μS waveform (Note 1. Fig. 1)
Peak pulse current with a 10/1000μS waveform (Note 1)
Steady state power dissipation at TA=75℃ lead length 0.375"(9.5mm) (Note2)
Volts
Maximum instantaneous forward voltage at 35A for unidirectional only
PM(AV)
Peak forward surge current, 10mm single half sine-wave unidirectional only
Operating junction and storage temperature range
PPPM
500 (MIN.)
Watts
Symbols
Values
Units
3.5
VF
IPPM
See next table
Amps
3.0
IFSM
TJ,TSTG
70
-55 to +175
Watts
Amps
(Ratings at 25℃ ambient temperature unless otherwise specified)
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
(2) Mounted on copper pads area of 1.6×1.6"(40×40mm) per Fig.5
(3) 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulse per minute maximum.
POWER 500Watts
VOLTAGE 5.0 to 170 Volts
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.300(7.6)
0.230(5.8)
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
DIA.


유사한 부품 번호 - SA28

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA28 PANJIT-SA28 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA28 CHONGQING-SA28 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA28 FCI-SA28 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA28 LUGUANG-SA28 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA28 WTE-SA28 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SA28

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com