전자부품 데이터시트 검색엔진 |
|
FSBB20CH60F 데이터시트(PDF) 7 Page - Fairchild Semiconductor |
|
FSBB20CH60F 데이터시트(HTML) 7 Page - Fairchild Semiconductor |
7 / 16 page 7 www.fairchildsemi.com FSBB20CH60F Rev. D Electrical Characteristics (T J = 25°C, Unless Otherwise Specified) Control Part Note: 4. Short-circuit current protection is functioning only at the low-sides. 5. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10 -6 x t FOD[F] Recommended Operating Conditions Symbol Parameter Conditions Min. Typ. Max. Units IQCCL Quiescent VCC Supply Current VCC = 15V IN(UL, VL, WL) = 0V VCC(L) - COM - - 23 mA IQCCH VCC = 15V IN(UH, VH, WH) = 0V VCC(UH), VCC(VH), VCC(WH) - COM - - 100 µA IQBS Quiescent VBS Supply Current VBS = 15V IN(UH, VH, WH) = 0V VB(U) - VS(U), VB(V) -VS(V), VB(W) - VS(W) - - 500 µA VFOH Fault Output Voltage VSC = 0V, VFO Circuit: 4.7kΩ to 5V Pull-up 4.5 - - V VFOL VSC = 1V, VFO Circuit: 4.7kΩ to 5V Pull-up - - 0.8 V VSC(ref) Short Circuit Trip Level VCC = 15V (Note 4) 0.45 0.5 0.55 V TSD Over-temperature protection Temperature at LVIC 125 145 175 °C ∆TSD Over-temperature protec- tion hysterisis Temperature at LVIC - 18 - °C UVCCD Supply Circuit Under- Voltage Protection Detection Level 10.7 11.9 13.0 V UVCCR Reset Level 11.2 12.4 13.2 V UVBSD Detection Level 10.1 11.3 12.5 V UVBSR Reset Level 10.5 11.7 12.9 V tFOD Fault-out Pulse Width CFOD = 33nF (Note 5) 1.0 1.8 - ms VIN(ON) ON Threshold Voltage Applied between IN(UH), IN(VH), IN(WH), IN(UL), IN(VL), IN(WL) - COM 3.0 - - V VIN(OFF) OFF Threshold Voltage - - 0.8 V Symbol Parameter Conditions Value Units Min. Typ. Max. VPN Supply Voltage Applied between P - NU, NV, NW - 300 400 V VCC Control Supply Voltage Applied between VCC(UH), VCC(VH), VCC(WH), VCC(L) - COM 13.5 15 16.5 V VBS High-side Bias Voltage Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) - VS(W) 13.0 15 18.5 V dVCC/dt, dVBS/dt Control supply variation -1 - 1 V/ µs tdead Blanking Time for Preventing Arm-short For Each Input Signal 2.5 - - µs fPWM PWM Input Signal -20 °C ≤ T C ≤ 100°C, -20°C ≤ TJ ≤ 125°C - - 20 kHz VSEN Voltage for Current Sensing Applied between NU, NV, NW - COM (Including surge voltage) -4 4 V |
유사한 부품 번호 - FSBB20CH60F |
|
유사한 설명 - FSBB20CH60F |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |