전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST89V58RD2-33-I-NJ 데이터시트(PDF) 1 Page - Silicon Storage Technology, Inc

부품명 SST89V58RD2-33-I-NJ
상세설명  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-33-I-NJ 데이터시트(HTML) 1 Page - Silicon Storage Technology, Inc

  SST89V58RD2-33-I-NJ Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89V58RD2-33-I-NJ Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89V58RD2-33-I-NJ Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89V58RD2-33-I-NJ Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89V58RD2-33-I-NJ Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89V58RD2-33-I-NJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89V58RD2-33-I-NJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89V58RD2-33-I-NJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89V58RD2-33-I-NJ Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
1
The SST logo, SuperFlash, and FlashFlex are registered trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
8-bit 8051-Compatible Microcontroller (MCU)
with Embedded SuperFlash Memory
– Fully Software Compatible
– Development Toolset Compatible
– Pin-For-Pin Package Compatible
SST89E5xRD2 Operation
– 0 to 40 MHz at 5V
SST89V5xRD2 Operation
– 0 to 33 MHz at 3V
1 KByte Internal RAM
Dual Block SuperFlash EEPROM
– 8/16/32 KByte primary block +
8 KByte secondary block
(128-Byte sector size for both blocks)
– Individual Block Security Lock with SoftLock
– Concurrent Operation during
In-Application Programming (IAP)
– Memory Overlay for Interrupt Support during IAP
Support External Address Range up to 64
KByte of Program and Data Memory
Three High-Current Drive Ports (16 mA each)
Three 16-bit Timers/Counters
Full-Duplex, Enhanced UART
– Framing Error Detection
– Automatic Address Recognition
Ten Interrupt Sources at 4 Priority Levels
– Four External Interrupt Inputs
Programmable Watchdog Timer (WDT)
Programmable Counter Array (PCA)
Four 8-bit I/O Ports (32 I/O Pins) and
One 4-bit Port
Second DPTR register
Low EMI Mode (Inhibit ALE)
SPI Serial Interface
Standard 12 Clocks per cycle, the device has an
option to double the speed to 6 clocks per cycle.
TTL- and CMOS-Compatible Logic Levels
Brown-out Detection
Low Power Modes
– Power-down Mode with External Interrupt Wake-up
– Idle Mode
Temperature Ranges:
– Commercial (0°C to +70°C)
– Industrial (-40°C to +85°C)
Packages Available
– 40-contact WQFN (Port 4 feature not available)
– 44-lead PLCC
– 40-pin PDIP (Port 4 feature not available)
– 44-lead TQFP
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST89E5xRD2/RD and SST89V5xRD2/RD are
members of the FlashFlex51 family of 8-bit microcontroller
products designed and manufactured with SST’s patented
and proprietary SuperFlash CMOS semiconductor pro-
cess technology. The split-gate cell design and thick-oxide
tunneling injector offer significant cost and reliability bene-
fits for SST’s customers. The devices use the 8051 instruc-
tion set and are pin-for-pin compatible with standard 8051
microcontroller devices.
The devices come with 16/24/40 KByte of on-chip flash
EEPROM program memory which is partitioned into 2
independent program memory blocks. The primary Block 0
occupies 8/16/32 KByte of internal program memory space
and the secondary Block 1 occupies 8 KByte of internal
program memory space.
The 8-KByte secondary block can be mapped to the lowest
location of the 8/16/32 KByte address space; it can also be
hidden from the program counter and used as an indepen-
dent EEPROM-like data memory.
In addition to the 16/24/40 KByte of EEPROM program
memory on-chip, the devices can address up to 64 KByte
of external program memory. In addition to 1024 x8 bits of
on-chip RAM, up to 64 KByte of external RAM can be
addressed.
The flash memory blocks can be programmed via a stan-
dard 87C5x OTP EPROM programmer fitted with a special
adapter and the firmware for SST’s devices. During power-
on reset, the devices can be configured as either a slave to
an external host for source code storage or a master to an
external host for an in-application programming (IAP) oper-
ation. The devices are designed to be programmed in-sys-
tem and in-application on the printed circuit board for
maximum flexibility. The devices are pre-programmed with
an example of the bootstrap loader in the memory, demon-
strating the initial user program code loading or subsequent
user code updating via the IAP operation. The sample
bootstrap loader is available for the user’s reference and
convenience only; SST does not guarantee its functionality
or usefulness. Chip-Erase or Block-Erase operations will
erase the pre-programmed sample code.
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
SST89E/V58 / 54 / 52RD2/RD FlashFlex51 MCU


유사한 부품 번호 - SST89V58RD2-33-I-NJ

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89V58RD2-33-I-NJ SST-SST89V58RD2-33-I-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V58RD2-33-I-NJ SST-SST89V58RD2-33-I-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-I-NJE SST-SST89V58RD2-33-I-NJE Datasheet
934Kb / 81P
   FlashFlex MCU
More results

유사한 설명 - SST89V58RD2-33-I-NJ

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com