전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW30N90D 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STGW30N90D
상세설명  N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30N90D 데이터시트(HTML) 5 Page - STMicroelectronics

  STGW30N90D Datasheet HTML 1Page - STMicroelectronics STGW30N90D Datasheet HTML 2Page - STMicroelectronics STGW30N90D Datasheet HTML 3Page - STMicroelectronics STGW30N90D Datasheet HTML 4Page - STMicroelectronics STGW30N90D Datasheet HTML 5Page - STMicroelectronics STGW30N90D Datasheet HTML 6Page - STMicroelectronics STGW30N90D Datasheet HTML 7Page - STMicroelectronics STGW30N90D Datasheet HTML 8Page - STMicroelectronics STGW30N90D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STGW30N90D
Electrical characteristics
5/10
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 900V, IC = 20A
RG= 10Ω, VGE= 15V,
Tj=25°C (see Figure 2)
29
11
1820
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 900V, IC = 20A
RG= 10Ω, VGE= 15V,
Tj= 125°C (see Figure 2)
27
14
1580
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 900V, IC = 20A
RG= 10Ω, VGE= 15V,
Tj= 25°C (see Figure 2)
90
275
312
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 900V, IC = 20A
RG= 10Ω, VGE= 15V,
Tj= 125°C (see Figure 2)
150
336
592
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon (1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in
a package with a co-pack diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 900V, IC = 20A
RG=10Ω, VGE= 15V,
Tj= 25°C (see Figure 2)
1660
4438
6096
µJ
µJ
µJ
Eon (1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 900V, IC = 20A
RG=10Ω, VGE= 15V,
Tj= 125°C (see Figure 2)
3015
6900
9915
µJ
µJ
µJ
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vf
Forward on-voltage
If = 20A, Tj = 25°C
If = 20A, Tj = 125°C
1.9
1.7
2.5
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 20A, VR = 27V,
Tj = 125°C, di/dt = 100A/µs
(see Figure 5)
152
722
9
ns
nC
A


유사한 부품 번호 - STGW30N90D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
   30 A - 1200 V - short circuit rugged IGBT
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
423Kb / 15P
   30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
February 2012
STGW30N120KD STMICROELECTRONICS-STGW30N120KD_V01 Datasheet
423Kb / 15P
   30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
February 2012
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
More results

유사한 설명 - STGW30N90D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30NC120HD_0710 STMICROELECTRONICS-STGW30NC120HD_0710 Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com