전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11590N 데이터시트(PDF) 5 Page - Texas Instruments

부품명 74AC11590N
상세설명  8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AC11590N 데이터시트(HTML) 5 Page - Texas Instruments

  74AC11590N Datasheet HTML 1Page - Texas Instruments 74AC11590N Datasheet HTML 2Page - Texas Instruments 74AC11590N Datasheet HTML 3Page - Texas Instruments 74AC11590N Datasheet HTML 4Page - Texas Instruments 74AC11590N Datasheet HTML 5Page - Texas Instruments 74AC11590N Datasheet HTML 6Page - Texas Instruments 74AC11590N Datasheet HTML 7Page - Texas Instruments 74AC11590N Datasheet HTML 8Page - Texas Instruments 74AC11590N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74AC11590
8-BIT BINARY COUNTER
WITH REGISTERED 3-STATE OUTPUTS
SCAS194 – D3988, MARCH 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–5
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25
°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = – 50 µA
4.5 V
4.4
4.4
5.5 V
5.4
5.4
VOH
IOH = – 4 mA
3 V
2.58
2.48
V
I24
A
4.5 V
3.94
3.8
IOL = – 24 mA
5.5 V
4.94
4.8
IOH = – 75 mA†
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
IOL =24mA
4.5 V
0.36
0.44
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
Ci
VI = VCC or GND
5 V
3
pF
Co
VO = VCC or GND
5 V
11
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency, CCK or RCK
0
50
0
50
MHz
t
Pulse duration
CCK or RCK high or low
10
10
ns
tw
Pulse duration
CCLR low
7.4
7.4
ns
CCKEN low before CCK
5.2
5.2
tsu
Setup time
CCLR high before CCK
3.4
3.4
ns
CCK
↑ before RCK↑‡
8.1
8.1
th
Hold time
CCKEN low after CCK
0
0
ns
‡ This setup time ensures that the register will see stable data from the counter outputs. The clocks may be tied together, in which case the register
will be one clock pulse behind the counter.


유사한 부품 번호 - 74AC11590N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11590N TI1-74AC11590N Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
More results

유사한 설명 - 74AC11590N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Texas Instruments
74ACT11590 TI1-74ACT11590_16 Datasheet
689Kb / 17P
[Old version datasheet]   8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
74ACT11590 TI1-74ACT11590 Datasheet
411Kb / 15P
[Old version datasheet]   8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com