전자부품 데이터시트 검색엔진 |
|
KD1084AXX33 데이터시트(PDF) 11 Page - STMicroelectronics |
|
KD1084AXX33 데이터시트(HTML) 11 Page - STMicroelectronics |
11 / 22 page KD1084Axx Electrical characteristics 11/22 Table 8. Electrical characteristics of KD1084#25 (VI = 5.5 V, CI = CO = 10 µF (tant.), TA = -40 to 125°C, unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 0 mA, TJ = 25°C 2.45 2.5 2.55 V IO = 0 to 5A, VI = 4.1 to 10V 2.425 2.5 2.575 V ΔVO Line regulation IO = 0 mA, VI = 4.1 to 10V TJ = 25°C 0.5 6 mV IO = 0 mA, VI = 4.1 to 10V 1 6 mV ΔVO Load regulation IO = 0 to 5A, TJ = 25°C 3 15 mV IO = 0 to 5A 7 20 V Vd Dropout voltage IO = 5 A 1.3 1.5 V Iq Quiescent current VI ≤10V 5 10 mA Isc Short circuit current VI - VO = 5V 5.5 7 A Thermal regulation TA = 25°C, 30ms pulse 0.003 0.015 %/W SVR Supply voltage rejection f = 120 Hz, CO = 25µF, IO = 5A VI = 6 ± 1.5V 60 72 dB eN RMS Output noise voltage (% of VO) TA = 25°C, f = 10Hz to 10kHz 0.003 % S Temperature stability 0.5 % S Long term stability TA = 125°C, 1000Hrs 0.5 % Table 9. Electrical characteristics of KD1084#33 (VI = 5.85 V, CI = CO = 10 µF (tant.), TA = -40 to 125°C, unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 0 mA, TJ = 25°C 3.234 3.3 3.366 V IO = 0 to 5A, VI = 4.9 to 10V 3.2 3.3 3.4 V ΔVO Line regulation IO = 0 mA, VI = 4.9 to 10V TJ = 25°C 0.5 6 mV IO = 0 mA, VI = 4.9 to 10V 1 6 mV ΔVO Load regulation IO = 0 to 5A, TJ = 25°C 3 15 mV IO = 0 to 5A 7 20 V Vd Dropout voltage IO = 5 A 1.3 1.5 V Iq Quiescent current VI ≤10V 5 10 mA Isc Short circuit current VI - VO = 5V 5.5 7 A Thermal regulation TA = 25°C, 30ms pulse 0.003 0.015 %/W SVR Supply voltage rejection f = 120 Hz, CO = 25µF, IO = 5A VI = 6.8 ± 1.5V 60 72 dB eN RMS Output noise voltage (% of VO) TA = 25°C, f = 10Hz to 10kHz 0.003 % S Temperature stability 0.5 % S Long term stability TA = 125°C, 1000Hrs 0.5 % |
유사한 부품 번호 - KD1084AXX33 |
|
유사한 설명 - KD1084AXX33 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |