전자부품 데이터시트 검색엔진 |
|
BTB04D 데이터시트(PDF) 1 Page - STMicroelectronics |
|
BTB04D 데이터시트(HTML) 1 Page - STMicroelectronics |
1 / 6 page 1/6 BTA04 T/D/S/A BTB04 T/D/S/A ® September 2001 - Ed: 1A SENSITIVE GATE TRIACS s Very low IGT = 10mA max s Low IH = 15mA max s BTA Family: Insulating voltage = 2500V(RMS) (UL recognized: E81734) FEATURES The BTA/BTB04 T/D/S/A triac family are high per- formance glass passivated PNPN devices. These parts are suitables for general purpose ap- plications where gate high sensitivity is required. Application on 4Q such as phase control and static switching. DESCRIPTION A1 A2 G TO-220AB Symbol Parameter Value Unit IT(RMS) RMS on-state current (360° conduction angle) BTA Tc = 90°C 4 A BTB Tc = 95°C ITSM Non repetitive surge peak on-state current (Tj initial = 25°C) tp = 8.3ms 42 A tp = 10ms 40 I 2tI2t value tp = 10ms 8 A 2s dI/dt Critical rate of rise of on-state current Gate supply: IG = 50mA dIG/dt = 0.1A/µs Repetitive F = 50Hz 10 A/µs Non repetitive 50 Tstg Tj Storage and operating junction temperature range -40 to +150 -40 to +110 °C Tl Maximum lead soldering temperature during 10s at 4.5mm from case 260 °C ABSOLUTE RATINGS (limiting values) Symbol Parameter BTA / BTB04- Unit 400 T/D/S/A 600 T/D/S/A 700 T/D/S/A VDRM VRRM Repetitive peak off-state voltage Tj = 110°C 400 600 700 V A1 A2 G |
유사한 부품 번호 - BTB04D |
|
유사한 설명 - BTB04D |