전자부품 데이터시트 검색엔진 |
|
CDC5D23BNP-180K 데이터시트(PDF) 2 Page - Sumida Corporation |
|
CDC5D23BNP-180K 데이터시트(HTML) 2 Page - Sumida Corporation |
2 / 2 page Type: CDC5D23B Please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 POWER INDUCTORS <SMD Type: CDC Series> ◆ Specification Part Name ※ Stamp Inductance (μH) [Within] 100kHz D.C.R. (mΩ) Max.(Typ.) (at20℃) Rated current (A)※1 CDC5D23BNP -2R2M□ 2R2 2.2μH±20% 39 (30) 2.16 CDC5D23BNP -2R7M□ 2R7 2.7μH±20% 44 (34) 2.08 CDC5D23BNP -3R3M□ 3R3 3.3μH±20% 49 (38) 1.90 CDC5D23BNP -3R9M□ 3R9 3.9μH±20% 56 (43) 1.84 CDC5D23BNP -4R7M□ 4R7 4.7μH±20% 62 (48) 1.60 CDC5D23BNP -5R6M□ 5R6 5.6μH±20% 78 (60) 1.44 CDC5D23BNP -6R8M□ 6R8 6.8μH±20% 91 (70) 1.36 CDC5D23BNP -8R2M□ 8R2 8.2μH±20% 103(87) 1.12 CDC5D23BNP -100L□ 100 10μH±15% 133(102) 1.04 CDC5D23BNP -120L□ 120 12μH±15% 148(114) 0.96 CDC5D23BNP -150K□ 150 15μH±10% 166(128) 0.88 CDC5D23BNP -180K□ 180 18μH±10% 213(164) 0.77 CDC5D23BNP -220K□ 220 22μH±10% 248(191) 0.73 CDC5D23BNP -270K□ 270 27μH±10% 328(252) 0.64 CDC5D23BNP -330K□ 330 33μH±10% 378(291) 0.58 CDC5D23BNP -390K□ 390 39μH±10% 438(337) 0.54 CDC5D23BNP -470K□ 470 47μH±10% 546(420) 0.49 CDC5D23BNP -560K□ 560 56μH±10% 621(478) 0.45 CDC5D23BNP -680K□ 680 68μH±10% 715(550) 0.41 CDC5D23BNP -820K□ 820 82μH±10% 1000(772) 0.35 CDC5D23BNP -101K□ 101 100μH±10% 1070(820) 0.33 CDC5D23BNP -121K□ 121 120μH±10% 1250(960) 0.32 CDC5D23BNP -151K□ 151 150μH±10% 1660(1280) 0.26 CDC5D23BNP -181K□ 181 180μH±10% 1900(1460) 0.23 CDC5D23BNP -221K□ 221 220μH±10% 2440(1880) 0.21 CDC5D23BNP -271K□ 271 270μH±10% 2730(2100) 0.19 ※ Description of part name CDC5D23BNP -2R2M□ ※1 Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃, whichever is lower(Ta =20℃). C Carrier Tape B Box |
유사한 부품 번호 - CDC5D23BNP-180K |
|
유사한 설명 - CDC5D23BNP-180K |