전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDH20D07NP-1R3M 데이터시트(PDF) 1 Page - Sumida Corporation

부품명 CDH20D07NP-1R3M
상세설명  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D07NP-1R3M 데이터시트(HTML) 1 Page - Sumida Corporation

  CDH20D07NP-1R3M Datasheet HTML 1Page - Sumida Corporation CDH20D07NP-1R3M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CDH20D07
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Power Inductors <SMD Type: CDH Series>
0.7±0.1
2.2±0.2
1.0±0.1
2.6
1.
8
0.9
Product Description
2.4×2.3mm Max.(L×W),0.8mm Max. Height.
Inductance Range: 0.68~6.8μH
Rated Current Range:0.33~1.0A
In addition to the standard versions of inductors shown here, custom inductors are available
to meet your exact requirements.
Feature
Magnetically unshielded construction.
Ideally used in Mobile phone,PDA,MP3,DSC/DVC,Portable DVD etc as DC-DC Converter inductors.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)


유사한 부품 번호 - CDH20D07NP-1R3M

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH20D08 SUMIDA-CDH20D08 Datasheet
154Kb / 3P
   SMD Power Inductor
CDH20D08HF-1R0NC SUMIDA-CDH20D08HF-1R0NC Datasheet
154Kb / 3P
   SMD Power Inductor
CDH20D08HF-1R5NC SUMIDA-CDH20D08HF-1R5NC Datasheet
154Kb / 3P
   SMD Power Inductor
CDH20D08HF-2R2MC SUMIDA-CDH20D08HF-2R2MC Datasheet
154Kb / 3P
   SMD Power Inductor
CDH20D08HF-3R3MC SUMIDA-CDH20D08HF-3R3MC Datasheet
154Kb / 3P
   SMD Power Inductor
More results

유사한 설명 - CDH20D07NP-1R3M

제조업체부품명데이터시트상세설명
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com