전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA20-600 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 BTA20-600
상세설명  SNUBBERLESS TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA20-600 데이터시트(HTML) 5 Page - STMicroelectronics

  BTA20-600 Datasheet HTML 1Page - STMicroelectronics BTA20-600 Datasheet HTML 2Page - STMicroelectronics BTA20-600 Datasheet HTML 3Page - STMicroelectronics BTA20-600 Datasheet HTML 4Page - STMicroelectronics BTA20-600 Datasheet HTML 5Page - STMicroelectronics BTA20-600 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA20 BW/CW
BTB20 BW/CW
5/6
Fig. 9: On-state characteristics (maximum values).
Fig. 7: Non repetitive surge peak on-state current
versus number of cycles.
Fig. 8: Non repetitive surge peak on-state current
for a sinusoidal pulse with width: t
≤ 10ms, and cor-
responding value of I
2t.


유사한 부품 번호 - BTA20-600

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
   isc Triacs
logo
Kersemi Electronic Co.,...
BTA20-600B KERSEMI-BTA20-600B Datasheet
897Kb / 4P
   RMS on-state current (full sine wave)
logo
Inchange Semiconductor ...
BTA20-600B ISC-BTA20-600B Datasheet
221Kb / 1P
   isc Thyristors
logo
First Silicon Co., Ltd
BTA20-600B FS-BTA20-600B Datasheet
785Kb / 5P
   Bi-Directional Triode Thyristor
logo
Inchange Semiconductor ...
BTA20-600BW ISC-BTA20-600BW Datasheet
106Kb / 1P
   With TO-220AB insulated package
More results

유사한 설명 - BTA20-600

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
   SNUBBERLESS TRIACS
BTA12AW STMICROELECTRONICS-BTA12AW Datasheet
196Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800BW KERSEMI-BTA20-800BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2035-600M STMICROELECTRONICS-T2035-600M Datasheet
637Kb / 9P
   SNUBBERLESS TRIACS
T4016MKS STMICROELECTRONICS-T4016MKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTB20-600BW KERSEMI-BTB20-600BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
BTA20-700CW KERSEMI-BTA20-700CW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2514XKS STMICROELECTRONICS-T2514XKS Datasheet
322Kb / 5P
   SNUBBERLESS TRIACS
April 1995
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com