전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AC564 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AC564
상세설명  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AC564 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AC564 Datasheet HTML 1Page - Texas Instruments SN74AC564 Datasheet HTML 2Page - Texas Instruments SN74AC564 Datasheet HTML 3Page - Texas Instruments SN74AC564 Datasheet HTML 4Page - Texas Instruments SN74AC564 Datasheet HTML 5Page - Texas Instruments SN74AC564 Datasheet HTML 6Page - Texas Instruments SN74AC564 Datasheet HTML 7Page - Texas Instruments SN74AC564 Datasheet HTML 8Page - Texas Instruments SN74AC564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54AC564, SN74AC564
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS551D− NOVEMBER 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation
D Inputs Accept Voltages to 6 V
D Max tpd of 9 ns at 5 V
D 3-State Inverting Outputs Drive Bus Lines
Directly
D Full Parallel Access for Loading
D Flow-Through Architecture to Optimize
PCB Layout
description/ordering information
The
’AC564
devices
are
octal
D-type
edge-triggered flip-flops that feature inverting
3-state outputs designed specifically for driving
highly capacitive or relatively low-impedance
loads.
They
are
particularly
suitable
for
implementing
buffer
registers,
I/O
ports,
bidirectional bus drivers, and working registers.
On the positive transition of the clock (CLK) input,
the Q outputs are set to the inverse logic levels set
up at the data (D) inputs.
A buffered output-enable (OE) input places the
eight outputs in either a normal logic state (high or
low logic levels) or the high-impedance state. In
the high-impedance state, the outputs neither
load nor drive the bus lines significantly. The
high-impedance
state
and
increased
drive
provide the capability to drive bus lines without
interface or pullup components.
OE does not affect internal operations of the flip-flops. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AC564N
SN74AC564N
SOIC − DW
Tube
SN74AC564DW
AC564
SOIC − DW
Tape and reel
SN74AC564DWR
AC564
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AC564NSR
AC564
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AC564DBR
AC564
TSSOP − PW
Tube
SN74AC564PW
AC564
TSSOP − PW
Tape and reel
SN74AC564PWR
AC564
CDIP − J
Tube
SNJ54AC564J
SNJ54AC564J
−55
°C to 125°C
CFP − W
Tube
SNJ54AC564W
SNJ54AC564W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AC564FK
SNJ54AC564FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CLK
SN54AC564 ...J OR W PACKAGE
SN74AC564 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN54AC564 . . . FK PACKAGE
(TOP VIEW)
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


유사한 부품 번호 - SN74AC564

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AC564 TI-SN74AC564 Datasheet
121Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC564 TI-SN74AC564 Datasheet
383Kb / 13P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERDE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC564DB TI-SN74AC564DB Datasheet
121Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC564DBLE TI-SN74AC564DBLE Datasheet
383Kb / 13P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERDE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC564DBR TI-SN74AC564DBR Datasheet
383Kb / 13P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERDE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AC564

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com