전자부품 데이터시트 검색엔진 |
|
SN74AC564DW 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
SN74AC564DW 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 16 page SN54AC564, SN74AC564 OCTAL DTYPE EDGETRIGGERED FLIPFLOPS WITH 3STATE OUTPUTS SCAS551D− NOVEMBER 1995 − REVISED OCTOBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54AC564 SN74AC564 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 2 6 2 6 V VCC = 3 V 2.1 2.1 VIH High-level input voltage VCC = 4.5 V 3.15 3.15 V VIH High-level input voltage VCC = 5.5 V 3.85 3.85 V VCC = 3 V 0.9 0.9 VIL Low-level input voltage VCC = 4.5 V 1.35 1.35 V VIL Low-level input voltage VCC = 5.5 V 1.65 1.65 V VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V VCC = 3 V −12 −12 IOH High-level output current VCC = 4.5 V −24 −24 mA IOH High-level output current VCC = 5.5 V −24 −24 mA VCC = 3 V 12 12 IOL Low-level output current VCC = 4.5 V 24 24 mA IOL Low-level output current VCC = 5.5 V 24 24 mA ∆t/∆v Input transition rise or fall rate 8 8 ns/V TA Operating free-air temperature −55 125 −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54AC564 SN74AC564 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 3 V 2.9 2.9 2.9 IOH = −50 µA 4.5 V 4.4 4.4 4.4 VOH IOH = −50 µA 5.5 V 5.4 5.4 5.4 V VOH IOH = −12 mA 3 V 2.56 2.4 2.46 V IOH = −24 mA 4.5 V 3.86 3.7 3.76 IOH = −24 mA 5.5 V 4.86 4.7 4.76 3 V 0.1 0.1 0.1 IOL = 50 µA 4.5 V 0.1 0.1 0.1 VOL IOL = 50 µA 5.5 V 0.1 0.1 0.1 V VOL IOL = 12 mA 3 V 0.36 0.5 0.44 V IOL = 24 mA 4.5 V 0.36 0.5 0.44 IOL = 24 mA 5.5 V 0.36 0.5 0.44 II VI = VCC or GND 5.5 V ±0.1 ±1 ±1 µA IOZ VO = VCC or GND 5.5 V ±0.5 ±5 ±5 µA ICC VI = VCC or GND, IO = 0 5.5 V 4 80 40 µA Ci VI = VCC or GND 5 V 4.5 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
유사한 부품 번호 - SN74AC564DW |
|
유사한 설명 - SN74AC564DW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |