전자부품 데이터시트 검색엔진 |
|
SN74AC564PWR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74AC564PWR 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 16 page SN54AC564, SN74AC564 OCTAL DTYPE EDGETRIGGERED FLIPFLOPS WITH 3STATE OUTPUTS SCAS551D− NOVEMBER 1995 − REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2-V to 6-V VCC Operation D Inputs Accept Voltages to 6 V D Max tpd of 9 ns at 5 V D 3-State Inverting Outputs Drive Bus Lines Directly D Full Parallel Access for Loading D Flow-Through Architecture to Optimize PCB Layout description/ordering information The ’AC564 devices are octal D-type edge-triggered flip-flops that feature inverting 3-state outputs designed specifically for driving highly capacitive or relatively low-impedance loads. They are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. On the positive transition of the clock (CLK) input, the Q outputs are set to the inverse logic levels set up at the data (D) inputs. A buffered output-enable (OE) input places the eight outputs in either a normal logic state (high or low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines without interface or pullup components. OE does not affect internal operations of the flip-flops. Old data can be retained or new data can be entered while the outputs are in the high-impedance state. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74AC564N SN74AC564N SOIC − DW Tube SN74AC564DW AC564 SOIC − DW Tape and reel SN74AC564DWR AC564 −40 °C to 85°C SOP − NS Tape and reel SN74AC564NSR AC564 −40 C to 85 C SSOP − DB Tape and reel SN74AC564DBR AC564 TSSOP − PW Tube SN74AC564PW AC564 TSSOP − PW Tape and reel SN74AC564PWR AC564 CDIP − J Tube SNJ54AC564J SNJ54AC564J −55 °C to 125°C CFP − W Tube SNJ54AC564W SNJ54AC564W −55 C to 125 C LCCC − FK Tube SNJ54AC564FK SNJ54AC564FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE 1D 2D 3D 4D 5D 6D 7D 8D GND VCC 1Q 2Q 3Q 4Q 5Q 6Q 7Q 8Q CLK SN54AC564 ...J OR W PACKAGE SN74AC564 . . . DB, DW, N, NS, OR PW PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 2Q 3Q 4Q 5Q 6Q 3D 4D 5D 6D 7D SN54AC564 . . . FK PACKAGE (TOP VIEW) UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
유사한 부품 번호 - SN74AC564PWR |
|
유사한 설명 - SN74AC564PWR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |