전자부품 데이터시트 검색엔진 |
|
SN74AC564NE4 데이터시트(PDF) 2 Page - Texas Instruments |
|
SN74AC564NE4 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54AC564, SN74AC564 OCTAL DTYPE EDGETRIGGERED FLIPFLOPS WITH 3STATE OUTPUTS SCAS551D− NOVEMBER 1995 − REVISED OCTOBER 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. FUNCTION TABLE (each flip-flop) INPUTS OUTPUT OE CLK D OUTPUT Q L ↑ H L L ↑ LH L H or L X Q0 H X X Z logic diagram (positive logic) OE CLK 1D 1Q 1 11 2 19 To Seven Other Channels C1 1D absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±200 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DB package 70 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 58 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 69 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 60 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 83 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. |
유사한 부품 번호 - SN74AC564NE4 |
|
유사한 설명 - SN74AC564NE4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |