전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA24-XXXCW 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 BTA24-XXXCW
상세설명  25A TRIACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA24-XXXCW 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button BTA24-XXXCW Datasheet HTML 4Page - STMicroelectronics BTA24-XXXCW Datasheet HTML 5Page - STMicroelectronics BTA24-XXXCW Datasheet HTML 6Page - STMicroelectronics BTA24-XXXCW Datasheet HTML 7Page - STMicroelectronics BTA24-XXXCW Datasheet HTML 8Page - STMicroelectronics BTA24-XXXCW Datasheet HTML 9Page - STMicroelectronics BTA24-XXXCW Datasheet HTML 10Page - STMicroelectronics BTA24-XXXCW Datasheet HTML 11Page - STMicroelectronics BTA24-XXXCW Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BTA24, BTB24, BTA25, BTA26 and T25 series
Ordering information
11/12
4
Ordering information
Note: xxx = voltage, yy = sensitivity, z = type
5
Revision History
Ordering type
Marking
Package
Weight
Base qty Delivery mode
BTA/BTB24-xxxyyzRG
BTA/BTB24xxxyyz
TO-220AB
2.3 g
50
Tube
BTA25-xxxyyzRG
BTA25-xxxyyz
RD91
20 g
25
Bulk
BTA26-xxxyzRG
BTA26-xxxyyz
TOP3 Ins.
4.5 g
30
Tube
T2535-xxxG
T2535xxxG
D2PAK
1.5 g
50
Tube
T2535-xxxG-TR
T2535xxxG
1000
Tape and reel
Date
Revision
Description of Changes
Oct-2002
6A
Previous update.
13-Feb-2006
7
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
31-May-2006
8
Reformatted to current standard. Tc in figure 3 changed
to Tamb
31-Jul-2006
9
Typing error corrected on page 1 (BTB124 instead of
BTB24)


유사한 부품 번호 - BTA24-XXXCW

제조업체부품명데이터시트상세설명
logo
Bellnix Co.,Ltd.
BTA24-03S40D BELLNIX-BTA24-03S40D Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA24-03S40S BELLNIX-BTA24-03S40S Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA24-05S30D BELLNIX-BTA24-05S30D Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA24-05S30S BELLNIX-BTA24-05S30S Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA24-12S12D BELLNIX-BTA24-12S12D Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
More results

유사한 설명 - BTA24-XXXCW

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com