전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8TQ100STRRPBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 8TQ100STRRPBF
상세설명  SCHOTTKY RECTIFIER 8 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

8TQ100STRRPBF 데이터시트(HTML) 3 Page - International Rectifier

  8TQ100STRRPBF Datasheet HTML 1Page - International Rectifier 8TQ100STRRPBF Datasheet HTML 2Page - International Rectifier 8TQ100STRRPBF Datasheet HTML 3Page - International Rectifier 8TQ100STRRPBF Datasheet HTML 4Page - International Rectifier 8TQ100STRRPBF Datasheet HTML 5Page - International Rectifier 8TQ100STRRPBF Datasheet HTML 6Page - International Rectifier 8TQ100STRRPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8TQ...SPbF Series
3
Bulletin PD-21041 rev. B 06/06
www.irf.com
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC Characteristics
Fig. 1 - Maximum Forward Voltage Drop Characteristics
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8 2
2.2
FM
T = 175°C
T = 125°C
T = 25°C
J
J
J
Forward Voltage Drop - V
(V)
0.0001
0.001
0.01
0.1
1
10
100
0
20406080
100
R
150°C
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V
(V)
T = 175°C
J
100
1000
0 10203040 50 60 70 80 90 100110
R
Reverse Voltage - V (V)
T = 25°C
J
1E-04
1E-03
1E-02
1E-01
1E+00
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.20
D = 0.75
D = 0.50
D = 0.33
D = 0.25
t
1,RectangularPulseDuration(Seconds)


유사한 부품 번호 - 8TQ100STRRPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
8TQ100STRRPBF VISHAY-8TQ100STRRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 8 A
Revision: 26-May-08
8TQ100STRRPBF VISHAY-8TQ100STRRPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
More results

유사한 설명 - 8TQ100STRRPBF

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MS830 MICROSEMI-MS830 Datasheet
91Kb / 2P
   8 Amp Schottky Rectifier
HSM880 MICROSEMI-HSM880 Datasheet
102Kb / 2P
   8 Amp Schottky Rectifier
HSM825 MICROSEMI-HSM825 Datasheet
99Kb / 2P
   8 Amp Schottky Rectifier
MS880 MICROSEMI-MS880 Datasheet
94Kb / 2P
   8 Amp Schottky Rectifier
LSM835 MICROSEMI-LSM835 Datasheet
99Kb / 2P
   8 Amp Schottky Rectifier
MSP835 MICROSEMI-MSP835 Datasheet
91Kb / 2P
   8 Amp Schottky Rectifier
logo
Central Semiconductor C...
CPD38X CENTRAL-CPD38X Datasheet
151Kb / 1P
   8 Amp Schottky Rectifier Chip
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
Micro Commercial Compon...
MBR870 MCC-MBR870_13 Datasheet
187Kb / 3P
   8 Amp Schottky Rectifier 70-100 Volts
MBR870 MCC-MBR870 Datasheet
110Kb / 3P
   8 Amp Schottky Rectifier 70-100 Volts
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com