전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6653BCPZ-125 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD6653BCPZ-125
상세설명  IF Diversity Receiver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6653BCPZ-125 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD6653BCPZ-125 Datasheet HTML 4Page - Analog Devices AD6653BCPZ-125 Datasheet HTML 5Page - Analog Devices AD6653BCPZ-125 Datasheet HTML 6Page - Analog Devices AD6653BCPZ-125 Datasheet HTML 7Page - Analog Devices AD6653BCPZ-125 Datasheet HTML 8Page - Analog Devices AD6653BCPZ-125 Datasheet HTML 9Page - Analog Devices AD6653BCPZ-125 Datasheet HTML 10Page - Analog Devices AD6653BCPZ-125 Datasheet HTML 11Page - Analog Devices AD6653BCPZ-125 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
AD6653
Rev. 0 | Page 8 of 80
AD6653BCPZ-125
AD6653BCPZ-150
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
LOGIC INPUTS (SMI SDO/OEB, SMI SCLK/PDWN)2
High Level Input Voltage
Full
1.22
3.6
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
0
0.6
V
High Level Input Current
Full
−90
−134
−90
−134
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Resistance
Full
26
26
Input Capacitance
Full
5
5
pF
DIGITAL OUTPUTS
CMOS Mode—DRVDD = 3.3 V
High Level Output Voltage
IOH = 50 μA
Full
3.29
3.29
V
IOH = 0.5 mA
Full
3.25
3.25
V
Low Level Output Voltage
IOL = 1.6 mA
Full
0.2
0.2
V
IOL = 50 μA
Full
0.05
0.05
V
CMOS Mode—DRVDD = 1.8 V
High Level Output Voltage
IOH = 50 μA
Full
1.79
1.79
V
IOH = 0.5 mA
Full
1.75
1.75
V
Low Level Output Voltage
IOL = 1.6 mA
Full
0.2
0.2
V
IOL = 50 μA
Full
0.05
0.05
V
LVDS Mode—DRVDD = 1.8 V
Differential Output Voltage (VOD),
ANSI Mode
Full
250
350
450
250
350
450
mV
Output Offset Voltage (VOS), ANSI Mode
Full
1.15
1.25
1.35
1.15
1.25
1.35
V
Differential Output Voltage (VOD),
Reduced Swing Mode
Full
150
200
280
150
200
280
mV
Output Offset Voltage (VOS),
Reduced Swing Mode
Full
1.15
1.25
1.35
1.15
1.25
1.35
V
1 Pull up.
2 Pull down.


유사한 부품 번호 - AD6653BCPZ-125

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
   Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PrJ 02/27/03
AD6650 AD-AD6650 Datasheet
755Kb / 45P
   GSM/EDGE Narrow-Band Receiver
AD6650/PCB AD-AD6650/PCB Datasheet
1Mb / 44P
   AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650/PCB AD-AD6650/PCB Datasheet
755Kb / 45P
   GSM/EDGE Narrow-Band Receiver
AD6650ABC AD-AD6650ABC Datasheet
1Mb / 44P
   AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
More results

유사한 설명 - AD6653BCPZ-125

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com