전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT161MTG4 데이터시트(PDF) 6 Page - Texas Instruments

부품명 CD74HCT161MTG4
상세설명  High-Speed CMOS Logic Presettable Counters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT161MTG4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CD74HCT161MTG4 Datasheet HTML 2Page - Texas Instruments CD74HCT161MTG4 Datasheet HTML 3Page - Texas Instruments CD74HCT161MTG4 Datasheet HTML 4Page - Texas Instruments CD74HCT161MTG4 Datasheet HTML 5Page - Texas Instruments CD74HCT161MTG4 Datasheet HTML 6Page - Texas Instruments CD74HCT161MTG4 Datasheet HTML 7Page - Texas Instruments CD74HCT161MTG4 Datasheet HTML 8Page - Texas Instruments CD74HCT161MTG4 Datasheet HTML 9Page - Texas Instruments CD74HCT161MTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Maximum CP Frequency
(Note 6)
fMAX
-
2
6
-
-
5
-
4
-
MHz
4.5
30
-
-
24
-
20
-
MHz
6
35
-
-
28
-
24
-
MHz
CP Width (Low)
tW(L)
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
MR Pulse Width (161)
tW
-
2
100
-
-
125
-
150
-
ns
4.5
20
-
-
25
-
30
-
ns
6
17
-
-
21
-
26
-
ns
Setup Time, Pn to CP
tSU
-
2
60
-
-
75
-
90
-
ns
4.5
12
-
-
15
-
18
-
ns
6
10
-
-
13
-
15
-
ns
Setup Time, PE or TE to CP
tSU
-
2
50
-
-
65
-
75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
Setup Time, SPE to CP
tSU
-
2
60
-
-
75
-
90
-
ns
4.5
12
-
-
15
-
18
-
ns
6
10
-
-
13
-
15
-
ns
Setup Time, MR to CP (163)
tSU
-
2
65
-
-
80
-
100
-
ns
4.5
13
-
-
16
-
20
-
ns
6
11
-
-
14
-
17
-
ns
Hold Time, PN to CP
tH
-2
3
-
-
3
-
3
-
ns
4.5
3
-
-
3
-
3
-
ns
6
3
-
-
3-3-
ns
Hold Time, TE or PE to CP
tH
-2
0
-
-
0
-
0
-
ns
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
Hold Time, SPE to CP
tH
-2
0
-
-
0
-
0
-
ns
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
Recovery Time, MR to CP (161)
tREC
-
2
75
-
-
95
-
110
-
ns
4.5
15
-
-
19
-
22
-
ns
6
13
-
-
16
-
19
-
ns
CD54/74HC161, CD54/74HCT161, CD54/74HC163, CD54/74HCT163


유사한 부품 번호 - CD74HCT161MTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT161MT TI-CD74HCT161MT Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
More results

유사한 설명 - CD74HCT161MTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
logo
IK Semicon Co., Ltd
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC192 TI-CD54HC192 Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
logo
IK Semicon Co., Ltd
IN74ACT163 IKSEMICON-IN74ACT163 Datasheet
330Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD74HC192 TI-CD74HC192 Datasheet
67Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_07 Datasheet
512Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_08 Datasheet
374Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com