전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC-14 데이터시트(PDF) 1 Page - Sumida Corporation

부품명 LC-14
상세설명  General Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LC-14 데이터시트(HTML) 1 Page - Sumida Corporation

  LC-14 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer <Pin Type: LC Series>
Type: LC-14
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
“ S” is winding start
Product Description
・¢
14.5mm Max.(L×W), 6.6mm Max. Height
In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements
Feature
Magnetically shielded construction.
Max. Operating frequency 300kHz,Max. Operating Power 3.8W(300kHz), 1.3W(100kHz).
Ideally used in Portable equipment, Drive for fluorescent display tube.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Specification
Sample No.
Inductance (7-9)
1kHz/1V
D.C.R.
(1-3)
0376 - T056
1.1mH ± 30% within
0.88Ω Max.
MAX.6.6
φ8.0±0.25
φ14.0±0.5
36
3.5±0.5
S
S
S


유사한 부품 번호 - LC-14

제조업체부품명데이터시트상세설명
logo
LETEX TECHNOLOGY CORP.
LC-14 LETEX-LC-14 Datasheet
87Kb / 2P
   Magnetic Contact
logo
Alpha Wire
LC-143 ALPHAWIRE-LC-143 Datasheet
95Kb / 3P
   Customer Specification
9/14/2022
More results

유사한 설명 - LC-14

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com