전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29EE010A-200-4C-UH 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc

부품명 SST29EE010A-200-4C-UH
상세설명  1 Megabit (128K x 8) Page Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010A-200-4C-UH 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST29EE010A-200-4C-UH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE010A-200-4C-UH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE010A-200-4C-UH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE010A-200-4C-UH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE010A-200-4C-UH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE010A-200-4C-UH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29EE010A-200-4C-UH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29EE010A-200-4C-UH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29EE010A-200-4C-UH Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
© 1999 Silicon Storage Technology, Inc.
303-01 2/99
1 Megabit Page Mode EEPROM
SST29EE010A / SST29LE010A / SST29VE010A
TABLE 5: SST29EE010A DC OPERATING CHARACTERISTICS VCC = 5V±10%
Limits
Symbol
Parameter
Min
Max
Units
Test Conditions
ICC
Power Supply Current
CE#=OE#=VIL,WE#=VIH , all I/Os open,
Read
30
mA
Address input = VIL/VIH, at f=1/TRC Min.,
VCC=VCC Max
Write
50
mA
CE#=WE#=VIL, OE#=VIH, VCC =VCC Max.
ISB1
Standby VCC Current
3
mA
CE#=OE#=WE#=VIH, VCC =VCC Max.
(TTL input)
ISB2
Standby VCC Current
50
µA
CE#=OE#=WE#=VCC -0.3V.
(CMOS input)
VCC = VCC Max.
ILI
Input Leakage Current
1
µA
VIN =GND to VCC, VCC = VCC Max.
ILO
Output Leakage Current
10
µA
VOUT =GND to VCC, VCC = VCC Max.
VIL
Input Low Voltage
0.8
V
VCC = VCC Min.
VIH
Input High Voltage
2.0
V
VCC = VCC Max.
VOL
Output Low Voltage
0.4
V
IOL = 2.1 mA, VCC = VCC Min.
VOH
Output High Voltage
2.4
V
IOH = -400µA, VCC = VCC Min.
VH
Supervoltage for A9
11.6
12.4
V
CE# = OE# =VIL, WE# = VIH
IH
Supervoltage Current
100
µA
CE# = OE# = VIL, WE# = VIH,
for A9
A9 = VH Max.
303 PGM T5.1
TABLE 6: SST29LE010A/29VE010A DC OPERATING CHARACTERISTICS VCC = 3.0-3.6 FOR SST29LE010A,
VCC = 2.7-3.6 FOR SST29VE010A
Limits
Symbol
Parameter
Min
Max
Units
Test Conditions
ICC
Power Supply Current
CE#=OE#=VIL,WE#=VIH , all I/Os open,
Read
12
mA
Address input = VIL/VIH, at f=1/TRC Min.,
VCC=VCC Max
Write
15
mA
CE#=WE#=VIL, OE#=VIH, VCC =VCC Max.
ISB1
Standby VCC Current
1
mA
CE#=OE#=WE#=VIH, VCC =VCC Max.
(TTL input)
ISB2
Standby VCC Current
15
µA
CE#=OE#=WE#=VCC -0.3V.
(CMOS input)
VCC = VCC Max.
ILI
Input Leakage Current
1
µA
VIN =GND to VCC, VCC = VCC Max.
ILO
Output Leakage Current
10
µA
VOUT =GND to VCC, VCC = VCC Max.
VIL
Input Low Voltage
0.8
V
VCC = VCC Min.
VIH
Input High Voltage
2.0
V
VCC = VCC Max.
VOL
Output Low Voltage
0.4
V
IOL = 100 µA, VCC = VCC Min.
VOH
Output High Voltage
2.4
V
IOH = -100 µA, VCC = VCC Min.
VH
Supervoltage for A9
11.6
12.4
V
CE# = OE# =VIL, WE# = VIH
IH
Supervoltage Current
100
µA
CE# = OE# = VIL, WE# = VIH,
for A9
A9 = VH Max.
303 PGM T6.1


유사한 부품 번호 - SST29EE010A-200-4C-UH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE010-120-3C-E SST-SST29EE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

유사한 설명 - SST29EE010A-200-4C-UH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com