전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29LE010A-120-4C-W 데이터시트(PDF) 9 Page - Silicon Storage Technology, Inc

부품명 SST29LE010A-120-4C-W
상세설명  1 Megabit (128K x 8) Page Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE010A-120-4C-W 데이터시트(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST29LE010A-120-4C-W Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE010A-120-4C-W Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010A-120-4C-W Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010A-120-4C-W Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010A-120-4C-W Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29LE010A-120-4C-W Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29LE010A-120-4C-W Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29LE010A-120-4C-W Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29LE010A-120-4C-W Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
© 1999 Silicon Storage Technology, Inc.
303-01 2/99
1 Megabit Page Mode EEPROM
SST29EE010A / SST29LE010A / SST29VE010A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TABLE 8: CAPACITANCE (Ta = 25 °C, f=1 MHz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O(1)
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN(1)
Input Capacitance
VIN = 0V
6 pF
Note: (1)This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
303 PGM T8.0
TABLE 9: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND
Endurance
10,000
Cycles
JEDEC Standard A117
TDR(1)
Data Retention
100
Years
JEDEC Standard A103
VZAP_HBM(1)
ESD Susceptibility
2000
Volts
JEDEC Standard A114
Human Body Model
VZAP_MM(1)
ESD Susceptibility
200
Volts
JEDEC Standard A115
Machine Model
ILTH(1)
Latch Up
100
mA
JEDEC Standard 78
Note: (1)This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
303 PGM T9.2
TABLE 7: POWER-UP TIMINGS
Symbol
Parameter
Maximum
Units
TPU-READ(1)
Power-up to Read Operation
100
µs
TPU-WRITE(1)
Power-up to Write Operation
5
ms
303 PGM T7.0


유사한 부품 번호 - SST29LE010A-120-4C-W

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

유사한 설명 - SST29LE010A-120-4C-W

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com