전자부품 데이터시트 검색엔진 |
|
SST29EE010A-120-4I-W 데이터시트(PDF) 3 Page - Silicon Storage Technology, Inc |
|
SST29EE010A-120-4I-W 데이터시트(HTML) 3 Page - Silicon Storage Technology, Inc |
3 / 26 page 3 © 1999 Silicon Storage Technology, Inc. 303-01 2/99 1 Megabit Page Mode EEPROM SST29EE010A / SST29LE010A / SST29VE010A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Write Operation Status Detection The SST29EE010A/29LE010A/29VE010A provide two software means to detect the completion of a write cycle, in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The end of write detection mode is enabled after the rising WE# or CE# whichever occurs first, which initiates the internal write cycle. The actual completion of the nonvolatile write is asyn- chronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the write cycle, otherwise the rejection is valid. Data# Polling (DQ7) When the SST29EE010A/29LE010A/29VE010A are in the internal write cycle, any attempt to read DQ7 of the last byte loaded during the byte-load cycle will receive the complement of the true data. Once the write cycle is completed, DQ7 will show true data. The device is then ready for the next operation. See Figure 6 for Data# Polling timing diagram and Figure 14 for a flowchart. Toggle Bit (DQ6) During the internal write cycle, any consecutive attempts to read DQ6 will produce alternating 0’s and 1’s, i.e. toggling between 0 and 1. When the write cycle is completed, the toggling will stop. The device is then ready for the next operation. See Figure 7 for Toggle Bit timing diagram and Figure 14 for a flowchart. The initial read of the Toggle Bit will typically be a “1”. Data Protection The SST29EE010A/29LE010A/29VE010A provide both hardware and software features to protect nonvolatile data from inadvertent writes. Hardware Data Protection Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. VCC Power Up/Down Detection: The write operation is inhibited when VCC is less than 2.5V. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the write operation. This prevents inad- vertent writes during power-up or power-down. Software Data Protection (SDP) The SST29EE010A/29LE010A/29VE010A provide the JEDEC approved software data protection scheme for all data alteration operations, i.e., Write and Chip Erase. With this scheme, any Write operation requires the inclusion of a series of three byte-load operations to precede the data loading operation. The three byte-load sequence is used to initiate the write cycle, providing optimal protection from inadvertent write operations, e.g., during the system power-up or power-down. |
유사한 부품 번호 - SST29EE010A-120-4I-W |
|
유사한 설명 - SST29EE010A-120-4I-W |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |