전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9897 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA9897
상세설명  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA9897 Datasheet HTML 3Page - NXP Semiconductors TDA9897 Datasheet HTML 4Page - NXP Semiconductors TDA9897 Datasheet HTML 5Page - NXP Semiconductors TDA9897 Datasheet HTML 6Page - NXP Semiconductors TDA9897 Datasheet HTML 7Page - NXP Semiconductors TDA9897 Datasheet HTML 8Page - NXP Semiconductors TDA9897 Datasheet HTML 9Page - NXP Semiconductors TDA9897 Datasheet HTML 10Page - NXP Semiconductors TDA9897 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
7 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
[7]
With single-ended load for fIF < 45 MHz RL ≥ 1kΩ and CL ≤ 5 pF to ground and for fIF = 45 MHz to 60 MHz RL =1kΩ and CL ≤ 3 pF to
ground.
[8]
This parameter is not tested during production and is only given as application information.
[9]
Noise level is measured without input signal but AGC adjusted corresponding to the given input level.
[10] Set with AGC nominal output voltage as reference. For C/N measurement switch input signal off.
[11] The tolerance of the reference frequency determines the accuracy of VIF AFC, RIF AFC, FM demodulator center frequency, maximum
FM deviation, sound trap frequency, LIF band-pass cut-off frequency and ZIF low-pass cut-off frequency as well as the accuracy of the
synthesizer.
5.
Ordering information
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA9897HL/V2/S1
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
TDA9897HN/V2
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7
× 7 × 0.85 mm
SOT619-1
TDA9898HL/V2/S1
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
TDA9898HN/V2
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7
× 7 × 0.85 mm
SOT619-1


유사한 부품 번호 - TDA9897

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897HL/V3 NXP-TDA9897HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897HN/V3 NXP-TDA9897HN/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results

유사한 설명 - TDA9897

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com