전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT4017 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HCT4017
상세설명  Johnson decade counter with 10 decoded outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4017 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT4017 Datasheet HTML 4Page - NXP Semiconductors 74HCT4017 Datasheet HTML 5Page - NXP Semiconductors 74HCT4017 Datasheet HTML 6Page - NXP Semiconductors 74HCT4017 Datasheet HTML 7Page - NXP Semiconductors 74HCT4017 Datasheet HTML 8Page - NXP Semiconductors 74HCT4017 Datasheet HTML 9Page - NXP Semiconductors 74HCT4017 Datasheet HTML 10Page - NXP Semiconductors 74HCT4017 Datasheet HTML 11Page - NXP Semiconductors 74HCT4017 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
74HC_HCT4017_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 8 January 2008
8 of 23
NXP Semiconductors
74HC4017; 74HCT4017
Johnson decade counter with 10 decoded outputs
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND;
VCC = 6.0 V
--
±0.1
-
±1.0
-
±1.0
µA
ICC
supply current VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
8.0
-
80
-
160
µA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
74HCT4017
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4 mA
3.98 4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC = 4.5 V
IO =20 µA
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND;
VCC = 5.5 V
--
±0.1
-
±1.0
-
±1.0
µA
ICC
supply current VI =VCC or GND;
VCC = 5.5 V; IO =0A
-
-
8.0
-
80
-
160
µA
∆ICC
additional
supply current
per input pin;
VI =VCC − 2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V;
IO =0A
CP0 input
-
25
90
-
113
-
123
µA
CP1 input
-
40
144
-
180
-
196
µA
MR input
-
50
180
-
225
-
245
µA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


유사한 부품 번호 - 74HCT4017

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT4017 PHILIPS-74HCT4017 Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HCT4017-Q100 NEXPERIA-74HCT4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
74HCT4017BQ NEXPERIA-74HCT4017BQ Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HCT4017BQ-Q100 NEXPERIA-74HCT4017BQ-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
More results

유사한 설명 - 74HCT4017

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com