전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4017PW 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HC4017PW
상세설명  Johnson decade counter with 10 decoded outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4017PW 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4017PW Datasheet HTML 5Page - NXP Semiconductors 74HC4017PW Datasheet HTML 6Page - NXP Semiconductors 74HC4017PW Datasheet HTML 7Page - NXP Semiconductors 74HC4017PW Datasheet HTML 8Page - NXP Semiconductors 74HC4017PW Datasheet HTML 9Page - NXP Semiconductors 74HC4017PW Datasheet HTML 10Page - NXP Semiconductors 74HC4017PW Datasheet HTML 11Page - NXP Semiconductors 74HC4017PW Datasheet HTML 12Page - NXP Semiconductors 74HC4017PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
74HC_HCT4017_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 8 January 2008
9 of 23
NXP Semiconductors
74HC4017; 74HCT4017
Johnson decade counter with 10 decoded outputs
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; see Figure 11.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4017
tpd
propagation
delay
CP0 to Qn; CP0 to Q5-9;
see Figure 10
[1]
VCC = 2.0 V
-
63
230
-
290
-
345
ns
VCC = 4.5 V
-
23
46
-
58
-
69
ns
VCC = 5.0 V;
CL =15pF
-20
-
-
-
-
-
ns
VCC = 6.0 V
-
18
39
-
49
-
59
ns
CP1 to Qn; CP1 to Q5-9;
see Figure 10
VCC = 2.0 V
-
61
250
-
315
-
375
ns
VCC = 4.5 V
-
22
50
-
63
-
75
ns
VCC = 5.0 V;
CL =15pF
-20
-
-
-
-
-
ns
VCC = 6.0 V
-
18
43
-
54
-
64
ns
tPHL
HIGH to LOW
propagation
delay
MR to Q[1:9];
see Figure 10
VCC = 2.0 V
-
52
230
-
290
-
345
ns
VCC = 4.5 V
-
19
46
-
58
-
69
ns
VCC = 6.0 V
-
15
39
-
49
-
59
ns
tPLH
LOW to HIGH
propagation
delay
MR to Q5-9, Q0;
see Figure 10
VCC = 2.0 V
-
55
230
-
290
-
345
ns
VCC = 4.5 V
-
20
46
-
58
-
69
ns
VCC = 6.0 V
-
16
39
-
49
-
59
ns
tt
transition time
see Figure 10
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
tW
pulse width
CP0 and CP1 (HIGH or
LOW); see Figure 9
VCC = 2.0 V
80
17
-
100
-
120
-
ns
VCC = 4.5 V
16
6
-
20
-
24
-
ns
VCC = 6.0 V
14
5
-
17
-
20
-
ns
MR (HIGH); see Figure 9
VCC = 2.0 V
80
19
-
100
-
120
-
ns
VCC = 4.5 V
16
7
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
-
ns


유사한 부품 번호 - 74HC4017PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4017PW PHILIPS-74HC4017PW Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HC4017PW NEXPERIA-74HC4017PW Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HC4017PW-Q100 NEXPERIA-74HC4017PW-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
More results

유사한 설명 - 74HC4017PW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com