전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA2008-600E 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BTA2008-600E
상세설명  0.8 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA2008-600E 데이터시트(HTML) 5 Page - NXP Semiconductors

  BTA2008-600E Datasheet HTML 1Page - NXP Semiconductors BTA2008-600E Datasheet HTML 2Page - NXP Semiconductors BTA2008-600E Datasheet HTML 3Page - NXP Semiconductors BTA2008-600E Datasheet HTML 4Page - NXP Semiconductors BTA2008-600E Datasheet HTML 5Page - NXP Semiconductors BTA2008-600E Datasheet HTML 6Page - NXP Semiconductors BTA2008-600E Datasheet HTML 7Page - NXP Semiconductors BTA2008-600E Datasheet HTML 8Page - NXP Semiconductors BTA2008-600E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA2008_SER_D_E_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 18 January 2008
5 of 12
NXP Semiconductors
BTA2008 series D and E
0.8 A Three-quadrant triacs high commutation
5.
Thermal characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-lead)
thermal resistance from junction to
lead
full cycle; see Figure 6
-
-
60
K/W
Rth(j-a)
thermal resistance from junction to
ambient
printed circuit board
mounted; lead length 4 mm
-
150
-
K/W
Fig 6.
Transient thermal impedance from junction to lead as a function of pulse duration
10−1
10−2
1
10
Zth(j-lead)
(K/W)
tp (s)
10−5
110
10−1
10−2
10−4
10−3
102
003aac206
tp
P
t


유사한 부품 번호 - BTA2008-600E

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
BTA2008-600E WEEN-BTA2008-600E Datasheet
272Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA2008-600E

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com