전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC4245AD 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74LVC4245AD
상세설명  Octal dual supply translating transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245AD 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC4245AD Datasheet HTML 6Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 7Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 8Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 9Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 10Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 11Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 12Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 13Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74LVC4245A_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 18 January 2008
10 of 17
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
[1]
VCCI is the supply voltage associated with the data input port.
[2]
VCCO is the supply voltage associated with the output port.
Test data is given in Table 8. Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 8.
Load circuitry for switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 8.
Test data
Supply voltage
Input
Load
VEXT
VCCA
VCCB
VI [1]
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ [2]
< 2.7 V
< 2.7 V
VCCI
50 pF
500
open
GND
2
× VCCO
-
2.7 V to 3.6 V
2.7 V
50 pF
500
open
GND
2
× VCCO
4.5 V to 5.5 V
-
3.0 V
50 pF
500
open
GND
2
× VCCO


유사한 부품 번호 - 74LVC4245AD

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC4245AD PHILIPS-74LVC4245AD Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245AD NEXPERIA-74LVC4245AD Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC4245AD-Q100 NEXPERIA-74LVC4245AD-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245ADB PHILIPS-74LVC4245ADB Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
74LVC4245ADH PHILIPS-74LVC4245ADH Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
More results

유사한 설명 - 74LVC4245AD

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245A NEXPERIA-74LVC4245A Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com