전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

743SYGD 데이터시트(PDF) 5 Page - Everlight Electronics Co., Ltd

부품명 743SYGD
상세설명  2.0*5.0mm Rectangular Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

743SYGD 데이터시트(HTML) 5 Page - Everlight Electronics Co., Ltd

  743SYGD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data Sheet
2.0*5.0mm Rectangular Type LED Lamps
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Sample
Size
Failure
Judgment
Criteria
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature
Storage
TEMP : 100℃
76 PCS
5
Low Temperature
Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
IF = 20mA
7
High Temperature /
High Humidity
85℃ / 85% RH
76 PCS
Note:Ivt:To test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 5 of 6
Device Number :
CDLE-074-020
Prepared by:
Jin Mei Feng
Prepared date:
2005/6/30
Test
Hours/Cycle
10 SEC
0/1
76 PCS
300 CYCLES
300 CYCLES
1000 HRS
6
DC Operating Life
Ac/Re
0/1
0/1
0/1
0/1
0/1
0/1
Iv≦Ivt*0.5
or
Vf≧U
or
Vf≦L
1000 HRS
1000 HRS
1000 HRS
743SYGD/S530-E2


유사한 부품 번호 - 743SYGD

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
743SDRD EVERLIGHT-743SDRD Datasheet
94Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
743SDRD/S530-A3 EVERLIGHT-743SDRD/S530-A3 Datasheet
94Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
743SURD EVERLIGHT-743SURD Datasheet
112Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
743SURD/S530-A3 EVERLIGHT-743SURD/S530-A3 Datasheet
112Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
More results

유사한 설명 - 743SYGD

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
743UYD EVERLIGHT-743UYD Datasheet
93Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
logo
BetLux Electronics
BL-L2516 BETLUX-BL-L2516 Datasheet
239Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
BL-L2506 BETLUX-BL-L2506 Datasheet
241Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
logo
Everlight Electronics C...
743SDRD EVERLIGHT-743SDRD Datasheet
94Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
743SURD EVERLIGHT-743SURD Datasheet
112Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
514SYGT EVERLIGHT-514SYGT Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SYGD EVERLIGHT-523-2SYGD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SURD-S530-A3 EVERLIGHT-523SURD-S530-A3 Datasheet
118Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523UYD-S530-A3 EVERLIGHT-523UYD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com