전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD1311AFPHP-4 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TD1311AFPHP-4
상세설명  Tuner module for digital terrestrial (OFDM) applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1311AFPHP-4 데이터시트(HTML) 5 Page - NXP Semiconductors

  TD1311AFPHP-4 Datasheet HTML 1Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 2Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 3Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 4Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 5Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 6Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 7Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 8Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
5 of 27
5.
Pinning information
5.1 Pinning
Fig 2.
Pinning diagram
5.2 Pin description
Table 3.
Pin description
Table description (optional)
Pin
Description
1
DC-power option for tuners with P-extension
[1]
2
External RF-gain control voltage (0.5V - 4.0V)
[2]
3
PLL chip address select (I
2C / tuner) [3]
4
SCL (I
2C / tuner)
5
SDA (I
2C / tuner)
6
4MHz reference frequency output
[4]
7
+5V
± 5% supply tuner (V
TU)
8
'broadband' IF – output
[4]
9
IF-gain control voltage
[5]
10
'narrowband' IF – output 1
[4]
11
'narrowband' IF – output 2
[4]
[1]
Max. permissible current: 35mA
[2]
Max. permissible control voltage source impedance limited to 200ohms (see application notes)
[3]
see application notes
[4]
AC coupled
[5]
max. gain at 3V,min. gain at 0V (see application notes)


유사한 부품 번호 - TD1311AFPHP-4

제조업체부품명데이터시트상세설명
logo
eupec GmbH
TD131N EUPEC-TD131N Datasheet
198Kb / 5P
   EUPEC
More results

유사한 설명 - TD1311AFPHP-4

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
MN88441 PANASONIC-MN88441 Datasheet
59Kb / 5P
   OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
STMicroelectronics
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
   Multichip module for TMC tuner applications
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com