전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD32C3 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 AD32C3
상세설명  HC-49/U Microprocessor Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AD32C3 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  AD32C3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A Series
HC-49/U Microprocessor Crystal
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
A A 32 C 3 - 30.000MHz - I - AT
Package
A=HC49/U
Tolerance/Stability
Configuration Options
A=±50/100
N=±10/10ppm
I=Insulator Tab, TR=Tape and Reel (ammo for thru-hole), L=Third Lead
B=±30/50
L3=Third Lead/Base Mount, V=Vinyl Sleeve, AT=Cut of Quartz
C=±15/30
SP=Spring Mount, G-Gull Wing, G1=Gull Wing/Metal Jacket
D=±15/50
Mode of Operation
E=±25/30
1=Fundamental (over 25.000MHz AT and BT Cut Available)
F=±25/50
3=Third Overtone, 5=Fifth Overtone
G=±10/30
Operating Temperature Range
H=±20/20
C=0°C to 70°C / E=-20°C to 70°C
J=± 5/10
G=-20°C to 85°C / F=-40°C to 85°C
K=±20/20
L=±10/25
Load Capacitance
M=±15/15
S=Series, XX=XXpF (Pico Farads)
MECHANICAL DIMENSIONS
Marking Guide
11.18
MAX
4.88 ±0.20
13.58
MAX
4.70 MAX
12.70
MIN
0.457
±0.051 DIA
All Dimensions in mm.
Frequency Range
1.000MHz to 200.000MHz
Frequency Tolerance/Stability
A, B, C, D, E, F, G, H, J, K, L, M
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C, -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
10pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
2mWatts Maximum, 100uWatts Correlation
ELECTRICAL SPECIFICATIONS
Revision: 1994-D
Aging
±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
Solder Temp (Max.) / Plating / Moisture Sensitivity
260°C maximum / Sn-Ag-Cu / None
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
1.000
2000
3.579545
180
6.000 to 6.400
50
1.8432
650
3.6864
150
7.15909 to 7.3728
40
2.000
550
3.93216 to 4.000
120
8.0640 to 9.8304
35
2.4576
350
4.096
100
10.000 to 12.28890
30
3.000
250
4.194304 to 4.9152
80
12.960 to 30.000 (Fund)
25
3.2768
200
5.000 to 5.068
65
24.000 to 50.000 (3rd OT)
40
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Line 1:
Caliber
Line 2:
Part Number
Line 3:
Frequency
Line 4:
Date Code


유사한 부품 번호 - AD32C3

제조업체부품명데이터시트상세설명
logo
Caliber Electronics Inc...
AD32C3 CALIBER-AD32C3 Datasheet
51Kb / 1P
   HC-49/U Microprocessor Crystal
More results

유사한 설명 - AD32C3

제조업체부품명데이터시트상세설명
logo
Caliber Electronics Inc...
AA32C1 CALIBER-AA32C1 Datasheet
51Kb / 1P
   HC-49/U Microprocessor Crystal
logo
Pletronics, Inc.
MP49 PLETRONICS-MP49 Datasheet
90Kb / 6P
   HC-49/U Crystal
logo
Advanced XTAL Products
AXX49 AXTAL-AXX49 Datasheet
127Kb / 2P
   Quartz Crystal Unit HC-49/U
logo
MMD Components
ASAA1 MMD-ASAA1 Datasheet
50Kb / 1P
   HC-49/U Thru-Hole Crystal
logo
Kyocera Kinseki Corpota...
HC-49U-S KSS-HC-49U-S Datasheet
130Kb / 1P
   Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
HC49S KSS-HC49S Datasheet
138Kb / 1P
   Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
logo
Raltron Electronics Cor...
AS-SMD RALTRON-AS-SMD Datasheet
193Kb / 2P
   MICROPROCESSOR CRYSTAL HC-49/US LOW PROFILE
logo
Caliber Electronics Inc...
CQA32C1 CALIBER-CQA32C1 Datasheet
45Kb / 1P
   4 Pin HC-49/US SMD Microprocessor Crystal
logo
List of Unclassifed Man...
CQA32C3 ETC2-CQA32C3 Datasheet
40Kb / 1P
   4 Pin HC-49/US SMD Microprocessor Crystal
BA32C3 ETC2-BA32C3 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com