전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLU4343PBF 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRLU4343PBF
상세설명  DIGITAL AUDIO MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLU4343PBF 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRLU4343PBF Datasheet HTML 3Page - International Rectifier IRLU4343PBF Datasheet HTML 4Page - International Rectifier IRLU4343PBF Datasheet HTML 5Page - International Rectifier IRLU4343PBF Datasheet HTML 6Page - International Rectifier IRLU4343PBF Datasheet HTML 7Page - International Rectifier IRLU4343PBF Datasheet HTML 8Page - International Rectifier IRLU4343PBF Datasheet HTML 9Page - International Rectifier IRLU4343PBF Datasheet HTML 10Page - International Rectifier IRLU4343PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.irf.com
IRLR/U4343PbF & IRLU4343-701PbF
Data and specifications subject to change without notice.
This product has been designed for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/04
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting T
J = 25°C, L = 0.93mH,
RG = 25Ω, IAS = 19A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ This only applies for I-Pak, L
S of D-Pak is
measured between lead and center of die contact
… Rθ is measured at TJ of approximately 90°C.
Notes:
† Contact factory for mounting information
‡ Limited by Tjmax. See Figs. 14, 15, 17a, 17b for repetitive avalanche information
ˆ When D-Pak mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to
application note #AN-994
‰ Refer to D-Pak package for Part Marking, Tape and Reel information.
I-Pak Leadform Option 701 Package Outline ‰
Dimensions are shown in millimeters (inches)


유사한 부품 번호 - IRLU4343PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLU4343 IRF-IRLU4343 Datasheet
255Kb / 10P
   DIGITAL AUDIO MOSFET
IRLU4343-701 IRF-IRLU4343-701 Datasheet
255Kb / 10P
   DIGITAL AUDIO MOSFET
More results

유사한 설명 - IRLU4343PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com