전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL5245B 데이터시트(PDF) 3 Page - HY ELECTRONIC CORP.

부품명 DL5245B
상세설명  GLASS SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DL5245B 데이터시트(HTML) 3 Page - HY ELECTRONIC CORP.

  DL5245B Datasheet HTML 1Page - HY ELECTRONIC CORP. DL5245B Datasheet HTML 2Page - HY ELECTRONIC CORP. DL5245B Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Nominal
Zener
Typcial
Maximum
Zener
Test
Regulator
Voltage
Current
Current
VZ@IZT
IZT
ZZT@IZT
ZZT@IZK(*)=0.25mA
Coefficient
IR
@VR
IZM
Volts
mA
Ohms
Ohms
% / ℃
uA
Volts
mA
DL5227B
3.6
20
24
1700
-0.065
15
1.0
126
DL5228B
3.9
20
23
1900
-0.060
10
1.0
115
DL5229B
4.3
20
22
2000
±0.055
5.0
1.0
106
DL5230B
4.7
20
19
1900
±0.030
5.0
2.0
97
DL5231B
5.1
20
17
1600
±0.030
5.0
2.0
89
DL5232B
5.6
20
11
1600
+0.038
5.0
3.0
81
DL5233B
6.0
20
7
1600
+0.038
5.0
3.5
76
DL5234B
6.2
20
7
1000
+0.045
5.0
4.0
73
DL5235B
6.8
20
5
750
+0.050
3.0
5.0
67
DL5236B
7.5
20
6
500
+0.058
3.0
6.0
61
DL5237B
8.2
20
8
500
+0.060
3.0
6.5
55
DL5238B
8.7
20
8
600
+0.065
3.0
6.5
52
DL5239B
9.1
20
10
600
+0.068
3.0
7.0
50
DL5240B
10
20
17
600
+0.075
3.0
8.0
45
DL5241B
11
20
22
600
+0.076
2.0
8.4
41
DL5242B
12
20
30
600
+0.077
1.0
9.1
38
DL5243B
13
9.5
13
600
+0.079
0.5
9.9
35
DL5244B
14
9.0
15
600
+0.082
0.1
10
32
DL5245B
15
8.5
16
600
+0.082
0.1
11
30
DL5246B
16
7.8
17
600
+0.083
0.1
12
28
DL5247B
17
7.4
19
600
+0.084
0.1
13
27
DL5248B
18
7.0
21
600
+0.085
0.1
14
25
DL5249B
19
6.6
23
600
+0.085
0.1
15
24
DL5250B
20
6.2
25
600
+0.086
0.1
16
23
DL5251B
22
5.6
29
600
+0.087
0.1
17
21.2
DL5252B
24
5.2
33
600
+0.088
0.1
18
19.1
DL5253B
25
5.0
35
600
+0.089
0.1
19
18.2
DL5254B
27
4.6
41
600
+0.090
0.1
21
16.8
DL5255B
28
4.5
44
600
+0.091
0.1
21
16.2
DL5256B
30
4.2
49
600
+0.091
0.1
23
15.1
DL5257B
33
3.8
58
700
+0.092
0.1
25
13.8
DL5258B
36
3.4
70
700
+0.093
0.1
27
12.6
DL5259B
39
3.2
80
800
+0.094
0.1
30
11.5
DL5260B
43
3
93
900
+0.095
0.1
33
10.6
DL5261B
47
2.7
150
1000
+0.095
0.1
36
9.7
DL5262B
51
2.5
125
1100
+0.096
0.1
39
8.9
DL5227B thru DL5262B
~ 398 ~
Maximum
Maximum
Zener
Temperature
Reverse
Impedance
Leakage Current
Type


유사한 부품 번호 - DL5245B

제조업체부품명데이터시트상세설명
logo
Dc Components
DL5245B DCCOM-DL5245B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Shanghai Shunye Electro...
DL5245B SY-DL5245B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Microdiode Electronics ...
DL5245B CHENDA-DL5245B Datasheet
147Kb / 3P
   ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
logo
Shanghai Shunye Electro...
DL5245B SHUNYE-DL5245B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Micro Commercial Compon...
DL5245B MCC-DL5245B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

유사한 설명 - DL5245B

제조업체부품명데이터시트상세설명
logo
HY ELECTRONIC CORP.
1N5221B HY-1N5221B Datasheet
35Kb / 3P
   GLASS SILICON ZENER DIODES
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Continental Device Indi...
BZX79C2V4 CDIL-BZX79C2V4 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com