전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM339 데이터시트(PDF) 6 Page - Estek Electronics Co. Ltd

부품명 LM339
상세설명  consists of four independent voltage comparators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESTEK [Estek Electronics Co. Ltd]
홈페이지  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM339 데이터시트(HTML) 6 Page - Estek Electronics Co. Ltd

  LM339 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
BEIJING ESTEK ELECTRONICS CO.,LTD
10
. Zero Crossing Detector
(Single Supply)
Figure 5
Figure 6. Zero Crossing Detector
(Split Supplies)
Vin(min) ≈ 0.4VPeak for1%phase distortion(∆Θ ).
R1+R2= R3
R3
3 R5 forsmallerrorinzerocrossing
V
in
10k
D1
R1
8.2k
6.8k
R2
15k
R3
+15V
Θ
VCC
10k
Vin
VEE
Vin
Vin(min)
VCC
VO
VEE
∆Θ
Θ
10M
R5
220k
R4
220k
VO
V
O
+
D1 prevents input from going negative by more than 0.6 V
Ordering Information
REV No:01-060818
P A C K A G
E
M A R K I N G
O R DER I NG
NU M B E R
LM339M
LM339
SOP-14 / DIP-14
LM339
Postalcode:100039
Http://www.estek.com.cn
Tel: 86-010-58895780 / 81 / 82 / 83 / 84
Fax : 010-58895793
Email:sales@estek.com.cn
Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Address :
6A06--6A07


유사한 부품 번호 - LM339

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM339 TI-LM339 Datasheet
2Mb / 51P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
Texas Instruments
LM339 TI1-LM339 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
More results

유사한 설명 - LM339

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM139-N TI-LM139-N Datasheet
1Mb / 30P
[Old version datasheet]   The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
   The LM2904 consists of two independent
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
IW4013B ESTEK-IW4013B Datasheet
120Kb / 5P
   consists of two identical, independent data-type flip-flops
logo
Shaoxing Devechip Micro...
SDP393 SDC-SDP393 Datasheet
565Kb / 11P
   Four-dImensIonal independent comparator
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
Texas Instruments
LM193-N TI-LM193-N Datasheet
1Mb / 24P
[Old version datasheet]   The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.
logo
Jingjing Microelectroni...
EG324 EGMICRO-EG324 Datasheet
823Kb / 16P
   Four-dImensIonal independent operation amplifier
logo
Richtek Technology Corp...
RT7305 RICHTEK-RT7305 Datasheet
778Kb / 14P
   The RT7305 consists of a high voltage power MOSFET
logo
NTE Electronics
NTE727 NTE-NTE727 Datasheet
25Kb / 3P
   Integrated Circuit Four Independent AC Amplifiers
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com