전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-5LGFM 데이터시트(PDF) 1 Page - Sumida Corporation

부품명 P-5LGFM
상세설명  IFT COILS < Pin Type: P-5 Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5LGFM 데이터시트(HTML) 1 Page - Sumida Corporation

  P-5LGFM Datasheet HTML 1Page - Sumida Corporation P-5LGFM Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: P-5LG/FM, P-5LG/AM, P-5LG/MW, P-5LG/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: P-5 Series>
Product Description
・6.0×5.9mm Max.(L×W), 6.5mm Max. Height.
・Inductance:1~680µH Max.
・Operating frequency:20MHz Max.
・In addition to the reference versions of parameters shown here,custom designs
are available to meet your exact requirements.
Feature
・Variable shielded types.
・FM,AM,MW,SW types are available.
・Internally assembled condenser is available.
・Ideally used in Radio (FM,AM,MW,SW),TV. Transceiver
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
* Dimension without tolerance are approx.
Connection (Bottom View)
P-5LG/FM
P-5LG/AM
P-5LG/MW
P-5LC/SW
“S” is winding start
Specification (P-5LG/FM) (Part No. 4176-T051)
6.5
2.6±0.4
2.8±0.2
5.8±0.3
3.5±0.15
6.0
MAX.
(Color:White)
S
S
S
S
⑥S
S
S


유사한 부품 번호 - P-5LGFM

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
P-5LGFM SUMIDA-P-5LGFM Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
More results

유사한 설명 - P-5LGFM

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
P-5LG SUMIDA-P-5LG_1 Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-4SBAM SUMIDA-P-4SBAM Datasheet
37Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-7GL SUMIDA-P-7GL Datasheet
42Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-7GJ SUMIDA-P-7GJ Datasheet
36Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-4SB SUMIDA-P-4SB Datasheet
159Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
   IFT COILS < Pin Type: MG Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
   IFT COILS < Pin Type: PG Series>
P-5DJFM SUMIDA-P-5DJFM Datasheet
66Kb / 2P
   IFT COILS < P-5DJ Series>
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com